Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4901 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4901
Description  DUAL 5V REGULATOR WITH RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4901 Datasheet(HTML) 5 Page - STMicroelectronics

  L4901 Datasheet HTML 1Page - STMicroelectronics L4901 Datasheet HTML 2Page - STMicroelectronics L4901 Datasheet HTML 3Page - STMicroelectronics L4901 Datasheet HTML 4Page - STMicroelectronics L4901 Datasheet HTML 5Page - STMicroelectronics L4901 Datasheet HTML 6Page - STMicroelectronics L4901 Datasheet HTML 7Page - STMicroelectronics L4901 Datasheet HTML 8Page - STMicroelectronics L4901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
tion.
This output may thereforebe usedto supply circuits
continuously, such as volatile RAMs, allowing the
use of a back-up battery. The V01 regulator also
features low consumption (0.6 mA typ.) to minimize
battery drain in applicationswhere the V1 regulator
is permanently connected to a battery supply.
The V02 output can supply other non essential 5 V
circuits which may be powered down when the
system is inactive, or that must be powered down
to prevent uncorrect operation for supply voltages
below the minimum value.
The reset output can be usedas a ”POWER DOWN
INTERRUPT”, permitting RAM access only in cor-
rect power conditions,or as a ”BACK-UP ENABLE”
to transfer data into in a NV SHADOW MEMORY
when the supply is interrupted.
APPLICATIONS SUGGESTIONS
Figure 2 shows an application circuit for a
µP
system typically used in trip computers or in car
radios with programmable tuning.
Reg. 1 is permanently connected to a battery and
supplies a CMOS time-of-day clock and a CMOS
microcomputer chip with volatile memory.
Reg. 2 may be switched OFF when the system is
Figure 2
Figure 3 : P.C. Board Component Layout of Figure 2.
L4901A
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com