Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4909 Datasheet (PDF) - STMicroelectronics

L4909 Datasheet PDF - STMicroelectronics
Part # L4909
Download  L4909 Download
File Size   61.53 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR

L4909 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4909 Datasheet PDF - STMicroelectronics

Part # L4909
Download  L4909 Click to download

File Size   61.53 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR

L4909 Datasheet (HTML) - STMicroelectronics


L4909 Product details

DESCRIPTION
It is a monolithic Multifunction Voltage Regulator; it contains 3 regulators, (REG1, REG2, REG3) each one with an enable input and a feedback input, to allow the voltage setting via external resistive divider.
Each regulator is current limited and furthermore an OR-ed warning signal is output (open collector, active low output) when the current in a regulator goes above an over-current threshold (1 A typ for any regulator).

■ 3 OUTPUTS
    - Vo1 : output voltage variable from 5 to 12 V; limit current : 1.2 A.
    - Vo2 : output voltage variable from 5 to 12 V; limit current : 1.2 A.
    - Vo3 : output voltage variable from 5 to 12 V; limit current : 1.2 A.
■ ENABLE INPUT FOR EACH REGULATOR
■ FEEDBACK INPUT FOR EACH REGULATOR
■ SHORT CIRCUIT PROTECTION TO GROUND
■ OVERCURRENT WARNING
■ DRIVER FOR EXTERNAL SCR (CROWBAR PROTECTION)
■ THERMAL SHUTDOWN




Similar Part No. - L4909

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901 STMICROELECTRONICS-L4901 Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
More results


Similar Description - L4909

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
Multifunction Voltage Regulator???
logo
STMicroelectronics
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6130 TOREX-XC6130 Datasheet
501Kb / 30P
Watchdog Timeout Period Externally Adjustable Voltage Detector
XC6230 TOREX-XC6230 Datasheet
1Mb / 26P
Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator
XD6130 TOREX-XD6130 Datasheet
1Mb / 30P
Watchdog Timeout Period Externally Adjustable Voltage Detector
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com