Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4909 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4909
Description  EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4909 Datasheet(HTML) 4 Page - STMicroelectronics

  L4909 Datasheet HTML 1Page - STMicroelectronics L4909 Datasheet HTML 2Page - STMicroelectronics L4909 Datasheet HTML 3Page - STMicroelectronics L4909 Datasheet HTML 4Page - STMicroelectronics L4909 Datasheet HTML 5Page - STMicroelectronics L4909 Datasheet HTML 6Page - STMicroelectronics L4909 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L4909
4/7
SVR2
REG2 supply voltage rejec.
freq=120 Hz to 1KHz
60
dB
Vo3
REG3 output voltage range
5
12
V
V(FB3)
REG3 feedback voltage
EN3=ON;
1.22
1.27
1.32
V
Ilim3
REG3 output current limit
EN3=ON; Vin-Vo3<12V
1.20
1.70
A
line regulation
Io3=10mA; Vin-Vo3=3 to 25 V
Io3=10mA; Vin-Vo3=3 to 12 V
0.6
0.1
2%
load regulation
Io3=10 mA to 1.2A
Io3=10 mA to 0.5A
0.5
0.1
2%
Vd3
REG3 drop out
Io3=500mA
2.20
V
SVR3
REG3 supply voltage rejec.
freq=120 Hz to 1KHz
60
dB
ENx
enable input voltage
(active high)
STAND_BY
ON
3.5
0.8
V
V
Istby
current consumption in stand_by
EN1=EN2=EN3
≤0.5 V
20
µA
ITRIG
current at TRIG output
SCR trigger circuit in ON state;
V(TRIG) = 2V
25
mA
ZTRIG
TRIG to GND impedance
SCR trigger circuit in OFF state
0.2
K
Ω
V(FB)_TR
FBx voltage for trigger SCR on
any regulator
1.52
V
I(FB)
Feedback’s input current
any regulator
2
µA
I(EN)
EN’s input current
V(EN) = 5V
160
µA
Ion
current consumption in ON state
(current in the exter nal feedback resistors not
included)
one regulator ON; Vo = 12V
two regulators ON; Vo = 12V
three regulators ON; Vo = 12V
11
20
29
mA
V_OC_L
current_warning output
voltage
warning conditions
Isink < 3 mA
0.40
V
I_OC_H
current_warning leakage
no warning conditions
V(OC) = 15V
1
µA
I_oc/Ilim
warning threshold current / limit
current
any regulator
Vin - Vout <12V
0.6
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
∆V
o3
V
o3
-------------
∆V
o3
V
o3
-------------
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com