Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6230 Datasheet (PDF) - Torex Semiconductor

XC6230 Datasheet PDF - Torex Semiconductor
Part # XC6230
Download  XC6230 Download
File Size   1798.61 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator

XC6230 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6230 Datasheet PDF - Torex Semiconductor

Part # XC6230
Download  XC6230 Click to download

File Size   1798.61 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator

XC6230 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC6230

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6231 TOREX-XC6231 Datasheet
299Kb / 11P
竊?V Input, 500mA, High Speed LDO Regulators
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121GR-G TOREX-XC6233H121GR-G Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121MR-G TOREX-XC6233H121MR-G Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121NR-G TOREX-XC6233H121NR-G Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
More results


Similar Description - XC6230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4909 STMICROELECTRONICS-L4909 Datasheet
61Kb / 7P
EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
May-2000
logo
Analog Intergrations Co...
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
Input Adjustable Voltage LDO Regulator
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
800mA Adjustable Voltage High Speed LDO Regulators
logo
Asahi Kasei Microsystem...
AP1155ADU AKM-AP1155ADU Datasheet
737Kb / 23P
15V Input / 1A Output Adjustable Voltage LDO Regulator
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Asahi Kasei Microsystem...
AP1151 AKM-AP1151 Datasheet
968Kb / 29P
200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
logo
Shenzhen Huazhimei Semi...
HM6225 HMSEMI-HM6225 Datasheet
393Kb / 8P
400mA output voltage adjustable high speed LDO regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com