Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4903 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4903
Description  DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4903 Datasheet(HTML) 3 Page - STMicroelectronics

  L4903 Datasheet HTML 1Page - STMicroelectronics L4903 Datasheet HTML 2Page - STMicroelectronics L4903 Datasheet HTML 3Page - STMicroelectronics L4903 Datasheet HTML 4Page - STMicroelectronics L4903 Datasheet HTML 5Page - STMicroelectronics L4903 Datasheet HTML 6Page - STMicroelectronics L4903 Datasheet HTML 7Page - STMicroelectronics L4903 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage
24
V
Vt
Transient Input Overvoltage (t = 40ms)
60
V
Ptot
Power Dissipation at Tamb =50
°C1
W
Tstg,Tj
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-pin)
Thermal Resistance Junction-pin 4
Max.
70
°C/W
Rth (j-a)
Thermal Resistance Junction-ambient
Max.
100
°C/W
ELECTRICAL CHARACTERISTICS (VIN = 14.4V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vi
DC Operating Input Voltage
20
V
V01
Output Voltage 1
R Load 1k
Ω
4.95
5.05
5.15
V
V02 H
Output Voltage 2 HIGH
R Load 1k
Ω
V01 –0.1
5
V01
V
V02 L
Output Voltage 2 LOW
I02 = – 5mA
0.1
V
I01
Output Current 1 max. (*)
∆V01 = – 100mV
50
mA
IL01
Leakage Output 1 Current
VIN =0, V01
≤ 3V
1
µA
I02
Output Current 2 max. (*)
∆V02 = – 100mV
100
mA
VI01
Output 1 Dropout Voltage (*)
I01 = 10mA
I01 = 50mA
0.7
0.75
0.8
0.9
V
V
VIT
Input Threshold Voltage
V01 + 1.2
6.4
V01 + 1.7
V
VITH
Input Threshold Voltage Hyst.
250
mV
∆V01
Line Regulation 1
7V < VIN < 18V, I01 = 5mA
5
50
mV
∆V02
Line Regulation 2
7V < VIN < 18V, I02 = 5mA
5
50
mV
∆V01
Load Regulation 1
VIN1 = 8V, 5mA < I01 < 50mA
5
20
mV
∆V02
Load Regulation 2
VIN1 = 8V, 5mA < I02 < 100mA
10
50
mV
IQ
Quiescent Current
I01 =I02
≤ 5mA
0< VIN < 13V
7V < VIN < 13V V02 LOW
7V < VIN < 13V V02 HIGH
4.5
2.7
1.6
6.5
4.5
3.5
mA
IQ1
Quiescent Current 1
6.3V < VIN1 < 13V, VIN2 =0
I01
≤ 5mA, I02 =0
0.6
0.9
mA
VRT
Reset Threshold Voltage
V02 – 0.04
4.7
V02 – 0.02
V
VRTH
Reset Threshold Hysteresis
30
50
80
mV
VRH
Reset Output Voltage HIGH
IR = 500
µAV02 – 1
4.12
V02
V
VRL
Reset Output Voltage LOW
IR = – 5mA
0.25
0.4
V
tRD
Reset Pulse Delay
Ct = 10nF
3
5
11
ms
td
Timing Capacitor Discharge
Time
Ct = 10nF
20
µs
VDT
V02 Disable Threshold Voltage
1.25
2.4
V
ID
V02 Disable Input Current
VD
≤ 0.4V
VD
≥ 2.4V
- 150
30
µA
µA
∆V01
∆T
,
∆V02
∆T
Thermal Drift
– 20
°C ≤ Tamb ≤ 125°C
0.3
- 0.8
mV/
°C
SVR1
Supply Voltage Rejection
f = 100Hz, VR = 0.5V, Io = 50mA
50
84
dB
SVR2
Supply Voltage Rejection
f = 100Hz, VR = 0.5V, Io =
100mA
50
80
dB
TJSD
Thermal Shut Down
150
°C
* The dropout voltage is defined as the difference between the input and the output voltage when the output voltage is lowered of 25 mV under
constant output current condition.
L4903
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com