Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4903 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4903
Description  DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4903 Datasheet(HTML) 2 Page - STMicroelectronics

  L4903 Datasheet HTML 1Page - STMicroelectronics L4903 Datasheet HTML 2Page - STMicroelectronics L4903 Datasheet HTML 3Page - STMicroelectronics L4903 Datasheet HTML 4Page - STMicroelectronics L4903 Datasheet HTML 5Page - STMicroelectronics L4903 Datasheet HTML 6Page - STMicroelectronics L4903 Datasheet HTML 7Page - STMicroelectronics L4903 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BLOCK DIAGRAM
SCHEMATIC DIAGRAM
PIN FUNCTIONS
N
°
Name
Function
1
Input 1
Low Quiescent Current 50mA Regulator Input
2
Input 2
100mA Regulator Input.
3
Timing
Capacitor
If Reg. 2 is switched-ON the delay capacitor is charged with a 10
µA constant current. When
Reg. 2 is switched-OFF the delay capacitor is discharged.
4
GND
Common Ground
5
Disable Input
A high level (> VDT) disables output Reg. 2.
6
Reset Output
When pin 3 reaches 5V the reset output is switched low.
Therefore tRD =Ct (
5V
10
µA
); tRD (ms) = Ct (nF).
7
Output 2
5V – 100mA Regulator Output. Enabled if Vo 1> VRT. DISABLE INPUT < VDT and VIN 2 >VIT.
If Reg. 2 is switched-OFF the C02 capacitor is discharged.
8
Output 1
5V – 50mA regulator output with low leakage in switch-OFF condition.
L4903
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com