Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6540M Datasheet (PDF) - Sanyo Semicon Device

LA6540M Datasheet PDF - Sanyo Semicon Device
Part # LA6540M
Download  LA6540M Download
File Size   76.51 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-output Power Operational Amplifier

LA6540M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6540M Datasheet PDF - Sanyo Semicon Device

Part # LA6540M
Download  LA6540M Click to download

File Size   76.51 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-output Power Operational Amplifier

LA6540M Datasheet (HTML) - Sanyo Semicon Device


LA6540M Product details

Overview
The LA6540M is a 4-output power operational amplifier developed for use in consumer and industrial equipment.

Functions
• High output current (IO max = 0.7 A : typ)
• Includes a current limiter
• Wide operating voltage range (±2 to ±16 V)
• Single-supply operation possible (4 to 32 V)
• Thermal shutdown built in




Similar Part No. - LA6540M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
4-channel Bridge Driver for Compact Discs
LA6541D SANYO-LA6541D Datasheet
80Kb / 7P
4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
For CD Players and Recorders Four-Channel Driver IC
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
4-Channel Bridge (BTL) Driver for CD-ROM
More results


Similar Description - LA6540M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
2-Output Power Operational Amplifier
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
3-Output Power Operational Amplifier
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
3-Output Power Operational Amplifier
logo
SG Micro Corp
SGM8045 SGMICRO-SGM8045 Datasheet
343Kb / 11P
Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
Input/Output Operational Amplifier
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
Input/Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
Output Operational Amplifier
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS20071 ONSEMI-NCS20071_16 Datasheet
963Kb / 23P
Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A_16 Datasheet
328Kb / 10P
Output Operational Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com