Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6523 Datasheet (PDF) - Sanyo Semicon Device

LA6523 Datasheet PDF - Sanyo Semicon Device
Part # LA6523
Download  LA6523 Download
File Size   219.63 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Output Power Operational Amplifier

LA6523 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6523 Datasheet PDF - Sanyo Semicon Device

Part # LA6523
Download  LA6523 Click to download

File Size   219.63 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Output Power Operational Amplifier

LA6523 Datasheet (HTML) - Sanyo Semicon Device


LA6523 Product details

Overview
The LA6523 is a 3-output power operational amplifier IC developed for widespread use in consumer and industrial applications.

Features and Functions
• High output current (Io max = 0.5 A)
• High gain
• Current limiter
• Wide operating supply voltage (±2 to ±18 V)
• Single supply operation possible (4 to 36 V)
• Mute circuit (active low)
• Thermal shutdown circuit built-in




Similar Part No. - LA6523

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
3-Output Power Operational Amplifier
LA6524 SANYO-LA6524 Datasheet
74Kb / 4P
4-output Power Driver
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
Four-channel Bridge Driver for Compact Dise Players
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
CD-ROM Drive Three-Channel Bridge BTL Driver
More results


Similar Description - LA6523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2301 TI-TLE2301 Datasheet
324Kb / 22P
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
2-Output Power Operational Amplifier
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
3-Output Power Operational Amplifier
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
4-output Power Operational Amplifier
logo
SG Micro Corp
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
Input/Output Operational Amplifier
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
Input/Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
Output Operational Amplifier
logo
Texas Instruments
TLE2301 TI-TLE2301_15 Datasheet
320Kb / 23P
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A_16 Datasheet
328Kb / 10P
Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com