Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6524 Datasheet (PDF) - Sanyo Semicon Device

LA6524 Datasheet PDF - Sanyo Semicon Device
Part # LA6524
Download  LA6524 Download
File Size   74.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-output Power Driver

LA6524 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6524 Datasheet PDF - Sanyo Semicon Device

Part # LA6524
Download  LA6524 Click to download

File Size   74.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-output Power Driver

LA6524 Datasheet (HTML) - Sanyo Semicon Device


LA6524 Product details

Overview
The LA6524 is a 4-output power driver developed for use in consumer and industrial equipment.

Functions
• Four buffer amp circuits on chip
• High output current (Io max = 0.5 A)
• Includes current limiter
• Broad operating voltage range (±2 to +12 V)
• Single power supply operation possible (4 to 24 V)
• Thermal shutdown circuit built-in.




Similar Part No. - LA6524

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
3-Output Power Operational Amplifier
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
3-Output Power Operational Amplifier
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
Four-channel Bridge Driver for Compact Dise Players
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
CD-ROM Drive Three-Channel Bridge BTL Driver
More results


Similar Description - LA6524

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE102 NTE-NTE102 Datasheet
24Kb / 2P
Germanium Complementary Transistors Power Output, Driver
logo
Sanyo Semicon Device
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
4-output Power Operational Amplifier
logo
Fairchild Semiconductor
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
4-CH Motor Driver (5 Input & 4 Output)
logo
ON Semiconductor
CS1112 ONSEMI-CS1112 Datasheet
93Kb / 12P
Quad Power Output Driver
October, 2000 ??Rev. 10
logo
List of Unclassifed Man...
AT5801 ETC1-AT5801 Datasheet
276Kb / 12P
4-Channel driver Power Controller
logo
Monolithic Power System...
EV1541DJ-00A MPS-EV1541DJ-00A Datasheet
272Kb / 5P
4 Output DSL Power Supply
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
Isolated Precision Half-Bridge Driver, 4 A Output
11/15-Rev. A to Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com