Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN6A09K Datasheet (PDF) - Diodes Incorporated

ZXMN6A09K Datasheet PDF - Diodes Incorporated
Part # ZXMN6A09K
Download  ZXMN6A09K Download
File Size   856.82 Kbytes
Page   33 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER

ZXMN6A09K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMN6A09K Datasheet PDF - Diodes Incorporated

Part # ZXMN6A09K
Download  ZXMN6A09K Click to download

File Size   856.82 Kbytes
Page   33 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER

ZXMN6A09K Datasheet (HTML) - Diodes Incorporated


ZXMN6A09K Product details

Description
The ZXLD1370 is an LED driver controller IC for driving external MOSFETs to drive high current LEDs. It is a multi topology controller enabling it to efficiently control the current through series connected LEDs. The multi-topology enables it to operate in buck, boost and buck-boost configurations. The 60V capability coupled with its multi-topology capability enables it to be used in a wide range of applications and drive in excess of 15 LEDs in series.

Features
• 0.5% typical output current accuracy
• 6 to 60V operating voltage range
• LED driver supports Buck, Boost and Buck-boost
• configurations
• Wide dynamic range dimming
   o 20:1 DC dimming
   o 1000:1 dimming range at 500Hz
• Up to 1MHz switching
• High temperature control of LED current using TADJ




Similar Part No. - ZXMN6A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
logo
Inchange Semiconductor ...
ZXMN6A09K ISC-ZXMN6A09K Datasheet
361Kb / 2P
isc N-Channel MOSFET Transistor
logo
Zetex Semiconductors
ZXMN6A09KTC ZETEX-ZXMN6A09KTC Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A09KTC ZETEX-ZXMN6A09KTC Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
More results


Similar Description - ZXMN6A09K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
Rev 6
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Diodes Incorporated
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
60V BUCK-BOOST LED CONTROLLER
August 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com