Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7451M Datasheet (PDF) - Sanyo Semicon Device

LA7451M Datasheet PDF - Sanyo Semicon Device
Part # LA7451M
Download  LA7451M Download
File Size   190.88 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel, Noise Reduction Processor for 8-mm VCR PCM

LA7451M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7451M Datasheet PDF - Sanyo Semicon Device

Part # LA7451M
Download  LA7451M Click to download

File Size   190.88 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel, Noise Reduction Processor for 8-mm VCR PCM

LA7451M Datasheet (HTML) - Sanyo Semicon Device


LA7451M Product details

Overview
The LA7451M is a two-channel, noise reduction processor IC for 8-mm video recorder, pulse code modulation (PCM) circuits.
The LA7451M incorporates two filters, on per channel, comprising emphasis circuits, weighting compensators, voltage-controlled amplifiers (VCA) and detectors. Filter control circuitry sets the emphasis and weighting of each filter.
The LA7451M operates from a 4.75V supply and is available in 30-pin MFPs.

Features
• Filter control.
• Emphasis circuits.
• Weighting compensators.
• Voltage-controlled amplifiers (VCA).
• 4.75V supply.
• 30-pin MFP.




Similar Part No. - LA7451M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7454W SANYO-LA7454W Datasheet
346Kb / 20P
FM Audio Recording/Playback Processor for 8-mm VCRs
More results


Similar Description - LA7451M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
Sony Corporation
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
8 mm VCR AFM SIGNAL PROCESSOR
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
4-channel REC/PB Amplifier for 8 mm VCR
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
AFM Stereo Signal Processor for 8 mm VCR
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
Dolby S type Noise Reduction Processor
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
AFM Monaural Signal Processor for 8 mm VCR
logo
Samsung semiconductor
KA2271 SAMSUNG-KA2271 Datasheet
289Kb / 7P
DOLBY B TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
Noise Reduction Processor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com