Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7672 Datasheet (PDF) - Sanyo Semicon Device

LA7672 Datasheet PDF - Sanyo Semicon Device
Part # LA7672
Download  LA7672 Download
File Size   155.61 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)

LA7672 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7672 Datasheet PDF - Sanyo Semicon Device

Part # LA7672
Download  LA7672 Click to download

File Size   155.61 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)

LA7672 Datasheet (HTML) - Sanyo Semicon Device


LA7672 Product details

Overview
The LA7672 is a single-chip IC for color TVs based on the NTSC system with on-chip circuit for all VIF, SIF, video, chroma and deflection signal processing.

Features
[VIF]
• PLL detection (high video and audio quality)
• High-gain VIF amplifier
• High speed AGC
• On-chip APC time constant switch

[SIF]
• Simultaneous sound IN/OUT
• Video/audio simultaneous muting, or audio-only muting
   possible
  
[Audio-visual switch]
• Internal/external audio-visual switch (VCC = 9 V)

[OSD]
• RGB 3 input
• RGB linear up (– 6 dB input: 2 V to 5 V)
• Fast blanking (B input combined use)

[Chroma]
• On-chip ACC filter, On-chip killer filter, Killer-circuit
   hysteresis operation
• On-chip carrier filter

[Video]
• Black enhancement
• On-chip delay line
• Wide band width (9 MHz): delay line short
• Duel rank on-chip differentiation circuit also available
   for soft also
• S input supported (VCR application)
• Variable DC transmission volume available (externally
   attached circuit adjustment)

[Deflection]
• Adjustment-free horizontal, vertical synchronization
• Duel AFC system with excellent anti-noise
   characteristics
• External adjustment of vertical synchronization
   sensitivity
• Vertical size is constant with no-signal
• Highly stable image during playback of copy protected
   tapes (macro-vision tape)
• High stability against VCR skew distortion




Similar Part No. - LA7672

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7670 SANYO-LA7670 Datasheet
368Kb / 7P
PLL type video detector for the high picture & sound quality
LA7674 SANYO-LA7674 Datasheet
155Kb / 6P
Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)?
More results


Similar Description - LA7672

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51408SP MITSUBISHI-M51408SP Datasheet
1Mb / 25P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
NTE Electronics
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
Integrated Circuit NTSC Single Chip Color TV Signal Processor
NTE7148 NTE-NTE7148 Datasheet
51Kb / 7P
Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
logo
Sanyo Semicon Device
LA7674 SANYO-LA7674 Datasheet
155Kb / 6P
Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)?
logo
Mitsubishi Electric Sem...
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
NTSC System Single-Chip color TV Signal processor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com