Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7674 Datasheet (PDF) - Sanyo Semicon Device

LA7674 Datasheet PDF - Sanyo Semicon Device
Part # LA7674
Download  LA7674 Download
File Size   155.32 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)?

LA7674 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7674 Datasheet PDF - Sanyo Semicon Device

Part # LA7674
Download  LA7674 Click to download

File Size   155.32 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)?

LA7674 Datasheet (HTML) - Sanyo Semicon Device


LA7674 Product details

Overview
The LA7674 improves upon the black-level, horizontal jitter, switch-on drift performance of the single-chip LA7672 used to date. Also a single-chip IC, the LA7674 is for color TVs based on the NTSC (National Television System Committee) system with an on-chip circuit for all VIF, SIF, video, chroma and deflection signal processing.

Functions and Features
[VIF]
• PLL detection (high video and audio quality)
• High-gain VIF amplifier
• High speed AGC
• On-chip APC time constant switch

[SIF]
• Simultaneous sound IN/OUT
• Video/audio simultaneous muting, or audio-only muting
   possible
  
[Audio-visual switch]
• Internal/external audio-visual switch (VCC = 9V)

[OSD]
• RGB 3 input
• RGB linear amplifier (– 6dB input: 2V to 5V)
• Fast blanking (B input combined use)

[Chroma]
• On-chip ACC filter, On-chip killer filter, Killer-circuit
   hysteresis operation
• On-chip carrier filter

[Video]
• Black enhancement
• DC playback
• On-chip delay line
• Wide band width (9MHz): delay line short
• Dual rank on-chip differentiation circuit also available
   for soft also
• S input supported (VCR application)
• Variable DC transmission volume available (externally
   attached circuit adjustment)

[Deflection]
• Adjustment-free horizontal, vertical synchronization
• Dual AFC system with excellent anti-noise
   characteristics
• External adjustment of vertical synchronization
   sensitivity
• Vertical size is constant with no-signal
• Highly stable image during playback of copy protected
   tapes (macro-vision tape etc.)
• High stability against VCR skew distortion




Similar Part No. - LA7674

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7670 SANYO-LA7670 Datasheet
368Kb / 7P
PLL type video detector for the high picture & sound quality
LA7672 SANYO-LA7672 Datasheet
155Kb / 6P
Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
More results


Similar Description - LA7674

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51408SP MITSUBISHI-M51408SP Datasheet
1Mb / 25P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
NTE Electronics
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
Integrated Circuit NTSC Single Chip Color TV Signal Processor
NTE7148 NTE-NTE7148 Datasheet
51Kb / 7P
Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
logo
Sanyo Semicon Device
LA7672 SANYO-LA7672 Datasheet
155Kb / 6P
Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
logo
Mitsubishi Electric Sem...
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
NTSC System Single-Chip color TV Signal processor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com