Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8800 Datasheet (PDF) - Diodes Incorporated

AP8800 Datasheet PDF - Diodes Incorporated
Part # AP8800
Download  AP8800 Download
File Size   207.11 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 350mA LED Step-down Converter

AP8800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8800 Datasheet PDF - Diodes Incorporated

Part # AP8800
Download  AP8800 Click to download

File Size   207.11 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 350mA LED Step-down Converter

AP8800 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP8800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
350mA LED Step-Down Converter
AP8800 Rev. 1
AP8800A DIODES-AP8800A Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800AWT-7 DIODES-AP8800AWT-7 Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
More results


Similar Description - AP8800

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
Monolithic 350mA Step-Down Regulator
August 16, 2005
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
350mA High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
350mA LED Step-Down Converter
AP8800 Rev. 1
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
1A LED Step-Down Converter
AP8802 Rev. 1
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
500mA LED Step-down Converter
AP8801 Rev. 4
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
2MHz, 350mA Step-Down DC-DC Converter
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
logo
HY-LINE Power Component...
P8LD035-24 HY-LINE-P8LD035-24 Datasheet
366Kb / 3P
P8LD035-24 Step Down Driver for 350mA Power-LED
Rev: 7.12 f
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com