Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2000 Datasheet (PDF) - Sanken electric

SSC2000 Datasheet PDF - Sanken electric
Part # SSC2000
Download  SSC2000 Download
File Size   85.83 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type

SSC2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC2000 Datasheet PDF - Sanken electric

Part # SSC2000
Download  SSC2000 Click to download

File Size   85.83 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type

SSC2000 Datasheet (HTML) - Sanken electric


SSC2000 Product details

General Descriptions
The SSC2000 series products are power factor correction (PFC) controller ICs of Continuous Conduction Mode (CCM). The product achieves high power CCM systems, with few external components and no multiplier by the average current control method.

Features
● Continuous Conduction Mode (CCM)
    The mode enables the low peak current recommended for high power supplies.
● Average Current Control Method
    The method requires no input line voltage sensing and no multiplier, and achieves simple systems with few external components.
● Pulse Width Modulation (PWM) + Frequency Modulation Function
    The function superposes the modulated frequency according to Duty value, on the internally fixed PWM frequency of 65 kHz(TYP).
● Maximum Duty Cycle : 94% (TYP)
● Built-in High Speed Response for Dynamic Load Changes
● Error Amplifier Reference Voltage : 3.5V (TYP)
● Brown-In / Brown-Out Function
    The function enables the oscillation start/stop by externally rated input voltage and makes protections at low input voltage.
● Various Protections
    Overvoltage Protection (OVP) -------------------------------- Auto-Restart
    VCC Undervoltage Lockout (UVLO) -------------------------- Auto-Restart
    Overcurrent Protection (OCP) -------------------------------- Auto-Restart
        Two Overcurrent Detection Thresholds : Input Current Limitation (OCPL)
                                                                         Peak Current Limitation (OCPH)
    Output Open Loop Detection (OLD)-------------------------- Auto-Restart

Applications
● Power Factor Correction Circuits for Middle to High Output Power Applications
    AC/DC Power Supplies,
    Digital Consumer Equipments; Large Screen LCD-TVs, PDP-TVs, etc.,
    OA Equipments; Computers, Severs, Monitors, etc.,
    Communication Devices, Others




Similar Part No. - SSC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
SSC2005SC SANKEN-SSC2005SC Datasheet
489Kb / 19P
Critical Conduction Mode PFC Control IC
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results


Similar Description - SSC2000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com