Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet (PDF) - Sanken electric

SSC2005SC Datasheet PDF - Sanken electric
Part # SSC2005SC
Download  SSC2005SC Download
File Size   489.39 Kbytes
Page   19 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Critical Conduction Mode PFC Control IC

SSC2005SC Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC2005SC Datasheet PDF - Sanken electric

Part # SSC2005SC
Download  SSC2005SC Click to download

File Size   489.39 Kbytes
Page   19 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Critical Conduction Mode PFC Control IC

SSC2005SC Datasheet (HTML) - Sanken electric


SSC2005SC Product details

General Description
SSC2005SC is a Critical Conduction Mode (CRM) control IC for power factor correction (PFC).
Since no input voltage sensing and no auxiliary winding for inductor current detection are required, the IC allows the realization of low standby power and the low number of external components. The product achieves high cost-performance and high efficiency PFC converter system.

Features and Benefits
 • Inductor Current Detection (No auxiliary winding required)
 • Low Standby Power (No input voltage sensing required)
 • Minimum Off-time Limitation Function to restrict the Rise of Operation Frequency
 • High Accuracy Overcurrent detection: −0.60 V ± 5 %
 • Protections
    Overcurrent Protection (OCP): Pulse-by-pulse
    Overvoltage Protection (OVP): Auto restart
    FB Pin Undervoltage Protection (FB_UVP): Auto restart
    Thermal Shutdown Protection with hysteresis (TSD): Auto restart

Applications
PFC circuit up to 200 W of output power such as:
 • AC/DC power supply
 • Digital appliances (large size LCD television and so forth).
 • OA equipment (Computer, Server, Monitor, and so forth).
 • Communication facilities




Similar Part No. - SSC2005SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Sanken electric
SSC2000 SANKEN-SSC2000 Datasheet
85Kb / 2P
Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results


Similar Description - SSC2005SC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113SP RENESAS-R2A20113SP_09 Datasheet
107Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com