Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 1 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 1 Page - Sanken electric

  SSC2005SC Datasheet HTML 1Page - Sanken electric SSC2005SC Datasheet HTML 2Page - Sanken electric SSC2005SC Datasheet HTML 3Page - Sanken electric SSC2005SC Datasheet HTML 4Page - Sanken electric SSC2005SC Datasheet HTML 5Page - Sanken electric SSC2005SC Datasheet HTML 6Page - Sanken electric SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Critical Conduction Mode PFC Control IC
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
1
Feb. 06, 2015
General Description
SSC2005SC is a Critical Conduction Mode (CRM)
control IC for power factor correction (PFC).
Since no input voltage sensing and no auxiliary
winding for inductor current detection are required, the
IC allows the realization of low standby power and the
low number of external components. The product
achieves high cost-performance and high efficiency PFC
converter system.
Features and Benefits
 Inductor Current Detection
(No auxiliary winding required)
 Low Standby Power
(No input voltage sensing required)
 Minimum Off-time Limitation Function to restrict the
Rise of Operation Frequency
 High Accuracy Overcurrent detection: −0.60 V ± 5 %
 Protections
Overcurrent Protection (OCP): Pulse-by-pulse
Overvoltage Protection (OVP): Auto restart
FB Pin Undervoltage Protection (FB_UVP): Auto
restart
Thermal Shutdown Protection with hysteresis (TSD):
Auto restart
Typical Application Circuit
VAC
C1
BR1
L1
C2
RVS2
VOUT
VCC
OUT
COMP
FB
RDLY
GND
CS
8
7
6
5
SSC2005SC
U1
1
2
4
3
RT
CS
CP
RS
Cf
External power
supply
RRT
RDLY
C3
C4
C5
C6
Q1
D1
DBYP
D2
DZCS
R2
R1
R3
RCS
R4
LINE
GND
RVS1
TC_SSC2005SC_1_R2
Package
SOIC8
Not to scale
Electrical Characteristics
 VCC Pin Absolute Maximum Ratings, V
CC = 28 V
 OUT Pin Source Current, I
OUT(SRC) = −500 mA
 OUT Pin Sink Current, I
OUT(SNK) = 1000 mA
Applications
PFC circuit up to 200 W of output power such as:
 AC/DC power supply
 Digital appliances (large size LCD television and so
forth).
 OA equipment (Computer, Server, Monitor, and so
forth).
 Communication facilities
1
5
6
7
8
4
2
FB
COMP
RDLY
CS
OUT
VCC
GND
RT
3
http://www.sanken-ele.co.jp/en/


Similar Part No. - SSC2005SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Sanken electric
SSC2000 SANKEN-SSC2000 Datasheet
85Kb / 2P
Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results

Similar Description - SSC2005SC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113SP RENESAS-R2A20113SP_09 Datasheet
107Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com