Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 12 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 12 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric SSC2005SC Datasheet HTML 10Page - Sanken electric SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric SSC2005SC Datasheet HTML 14Page - Sanken electric SSC2005SC Datasheet HTML 15Page - Sanken electric SSC2005SC Datasheet HTML 16Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
12
Feb. 06, 2015
8.9
Overcurrent Protection (OCP)
Figure 8-14 shows the CS pin peripheral circuit and
internal circuit. The inductor current, IL is detected by
the detection resistor, RCS. The detection voltage, VRCS,
is fed into the CS pin. The OCP COMP compares the
detection voltage, VRCS with Overcurrent Protection
Threshold Voltage, VCS(OCP) = − 0.60 V. When VRCS
increases to absolute value of VCS(OCP) or more, the OUT
pin output is turned-off by pulse-by-pulse.
As shown in Figure 8-14, the CS pin is connected to
capacitor-resistor filter (R4 and C5) and zener diode,
DZCS, for the CS pin overvoltage protection.
VOUT
LINE GND
GND
6
VCS(ZCD)
= -10mV
OUT
7
D1
L1
Q1
RCS
CS
5
R4
C5
DZCS
VCS(OCP)
= -0.60V
ZCD
COMP
OCP
COMP
C2
U1
VRCS
Figure 8-14 The CS pin peripheral circuit
and internal circuit.
9.
Design Notes
9.1
Inductor Setup
Apply proper design margin to temperature rise by
core loss and copper loss.
The calculation methods of inductance ,LP,
is as
shown below.
Since
the
following
calculating
formulas
are
approximated, the peak current and the frequency of
operational waveforms may be different from the setting
value at calculating. Eventually, the inductance value
should be adjusted in actual operation.
Apply proper design margin to temperature rise by
core loss and copper loss.
1) Output Voltage, VOUT
The output voltage VOUT of boost-converter should be
set to a higher value than peak value of input voltage,
shown in
the following equation:
DIF
)
MAX
(
ACRMS
OUT
V
V
2
V
(V)
(4)
where,
VACRMS(MAX) : Maximum AC input voltage rms value (V)
VDIF
: Boost voltage (About 10V) (V)
2) Operational Frequency, fSW(SET)
Determine fSW(SET) that is minimum operational
frequency at the peak of the AC line waveform. The
frequency becomes higher with lowering the input
voltage. The frequency at the peak of the AC line
waveform, fSW(SET) should be set more than the
audible frequency (20 kHz).
3) Inductance, LP
Substituting both minimum and maximum of AC
input voltage to VACRMS, choose a smaller one as LP
value.
LP is calculated as follows:
OUT
)
SET
(
SW
OUT
ACRMS
OUT
2
ACRMS
P
V
f
P
2
V
2
V
V
L
(H) (5)
where,
η : Efficiency of PFC (In general, the range of η is
0.90 to 0.97, depending on on-resistance of power
MOSFET RDS(ON) and forward voltage drop of
rectifier diode VF.)
VACRMS : Maximum/Minimum of AC input voltage
rms value (V)
VOUT : Output voltage (V)
POUT : Output power (W)
fSW(SET) : Minimum operational frequency at the peak
of the AC line waveform (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com