Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 4 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 4 Page - Sanken electric

  SSC2005SC Datasheet HTML 1Page - Sanken electric SSC2005SC Datasheet HTML 2Page - Sanken electric SSC2005SC Datasheet HTML 3Page - Sanken electric SSC2005SC Datasheet HTML 4Page - Sanken electric SSC2005SC Datasheet HTML 5Page - Sanken electric SSC2005SC Datasheet HTML 6Page - Sanken electric SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
4
Feb. 06, 2015
Parameter
Symbol
Conditions
Pins
Min.
Typ.
Max.
Unit
COMP Pin Sink Current
ICOMP(SNK)
2 – 6
18
40
72
µA
COMP Pin Source Current
ICOMP(SRC)
2 – 6
− 72
− 40
− 18
µA
Zero Duty COMP Voltage
VCOMP(ZD)
2 – 6
0.50
0.65
0.90
V
Restart Time
tRS
−
30
50
80
µs
Drive Output
Output Voltage (High)
VOH
IOUT = –100 mA
7 – 6
10.0
12.0
13.5
V
Output Voltage (low)
VOL
IOUT = 200 mA
7 – 6
0.40
0.75
1.25
V
Output Rise Time
(1)
tr
COUT = 1000 pF
7 – 6
−
60
120
ns
Output Fall Time
(1)
tf
COUT = 1000 pF
7 – 6
−
20
70
ns
Zero Current Detection and Overcurrent Protection
Zero Current Detection Threshold
Voltage
VCS(ZCD)
5 – 6
− 20
− 10
0
mV
Zero Current Detection Delay
Time
(2)
tDLY(ZCD)
RDLY = 22 kΩ
5 – 6
0.55
0.95
1.17
µs
Overcurrent Protection Threshold
Voltage
VCS(OCP)
5 – 6
− 0.63
− 0.60
− 0.57
V
Overcurrent Protection Delay
Time
(2)
tDLY(OCP)
5 – 6
100
250
400
ns
CS Pin Source Current
ICS
5 – 6
− 110
− 75
− 40
µA
FB Pin Protection
Overvoltage Protection Threshold
Voltage
VOVP
1 – 6
1.075
×VFB
1.090
×VFB
1.105
×VFB
V
Overvoltage Protection Hysteresis
VOVP(HYS)
1 – 6
55
90
125
mV
Undervoltage Protection
Threshold Voltage
VUVP
1 – 6
200
300
400
mV
Undervoltage Protection
Hysteresis
VUVP(HYS)
1 – 6
80
120
160
mV
Thermal Shutdown
Thermal Shutdown Threshold
(2)
Tj(TSD)
–
135
150
–
°C
Thermal Shutdown Hysteresis
(2)
Tj(TSDHYS)
–
–
10
–
°C
Thermal Resistance
Junction to Ambient Resistance
(2)
θ
j-A
–
–
–
180
°C/W
(1) Shown in Figure 3-1
(2) Design assurance item
tr
tf
VOUT
10%
90%
Figure 3-1 Switching time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com