Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 8 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 8 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 4Page - Sanken electric SSC2005SC Datasheet HTML 5Page - Sanken electric SSC2005SC Datasheet HTML 6Page - Sanken electric SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric SSC2005SC Datasheet HTML 10Page - Sanken electric SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
8
Feb. 06, 2015
8.
Operational Description
 All of the parameter values used in these descriptions
are typical values, unless they are specified as
minimum or maximum.
 With regard to current direction, "+" indicates sink
current (toward the IC) and "–" indicates source
current (from the IC).
8.1
Critical Conduction Mode: CRM
Figure 8-1 and Figure 8-2 show the PFC circuit and
CRM operation waveform. The IC performs the on/off
operation of switching device Q1 in critical mode (the
inductor current is zero) as shown in Figure 8-1. Thus,
the low drain current variation di/dt of power MOSFET
is accomplished. Also, adjusting the turn-on timing at
the bottom point of VDS free oscillation waveform
(quasi-resonant
operation),
low
noise
and
high
efficiency PFC circuit is realized.
L1
D1
C2
C1
Q1
ION
IOFF
D
S
RCS
VAC
Figure 8-1 PFC circuit
IL=ION+IOFF
ION
IOFF
Q1 VDS
ON
OFF
ON
OFF
Turn on delay time
Bottom on
Free oscillation
ILPEAK
LPEAK
)
AVG
(
L
I
2
1
I
Figure 8-2 CRM operation and bottom on operation
Figure 8-3 shows the internal CRM control circuit.
The power MOSFET Q1 starts switching operation by
self-oscillation.
The control of on-time is as follows: the detection
voltage RVS2 is compared with the reference voltage
VFB = 2.50 V by using error amplifier (Error AMP)
connected to FB pin. The output of the Error AMP is
averaged and phase compensated. This signal VCOMP is
compared with the ramp signal VOSC to achieve on-time
control. The ON time becomes almost constant in
commercial cycle by setting VCOMP respond to below
20 Hz (Figure 8-4). This is achieved by tuning the
capacitor connected to the COMP pin.
The off-time and the bottom on timing of VDS are set
by both zero current detection of drain current and the
delay time configured by RDLY pin resistance. Thus,
simple PFC circuit with inductor having no auxiliary
winding is realized.
R
S
Q
VOSC
VSET
OSC
Error AMP
PWM COMP
VFB
= 2.5V
VOUT
RVS1
RVS2
CP
RS
CS
GND
FB
COMP
6
2
1
VCS(ZCD)= -10mV
OUT
7
D1
L1
Q1
RCS
CS
5
RT
RDLY
3
4
RRT
RDLY
R4
C5
DZCS
ZCD COMP
C3
C4
C6
VCOMP
U1
Figure 8-3 CRM control circuit
ILPEAK
IL(t)
IAC(t)
tON tOFF
VAC(t)
√2×V
ACRMS
√2×I
ACRMS
VCOMP
VOSC
VSET
OUT pin voltage
VAC(t)
ILPEAK(t)
IL(AVG.)(t)
Figure 8-4 CRM operation waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com