Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 13 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 13 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 9Page - Sanken electric SSC2005SC Datasheet HTML 10Page - Sanken electric SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric SSC2005SC Datasheet HTML 14Page - Sanken electric SSC2005SC Datasheet HTML 15Page - Sanken electric SSC2005SC Datasheet HTML 16Page - Sanken electric SSC2005SC Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
13
Feb. 06, 2015
9.2
External Components
Take care to use properly rated, including derating as
necessary and proper type of components.
Figure 9-1 shows the IC peripheral circuit.
R
S
Q
VOSC
VSET
OSC
Error AMP
PWM COMP
VFB
= 2.5V
VOUT
RVS1
RVS2
CP
RS
CS
GND
FB
COMP
6
2
1
VCS(ZCD)= -10mV
OUT
7
D1
L1
Q1
RCS
CS
5
RT
RDLY
3
4
RRT
RDLY
R4
C5
DZCS
ZCD COMP
C3
C4
C6
VCOMP
U1
Figure 9-1 The IC peripheral circuit.
 FB Pin Peripheral Circuit (Output VoltageDetection)
The output voltage VOUT is set using RVS1 and RVS2.
It is expressed by the following equation:
FB
1
VS
FB
2
VS
FB
OUT
V
R
I
R
V
V


(V)
(6)
where,
VFB
: Feedback reference voltage = 2.50 V
IFB
: Bias current = − 2.0 µA
RVS, RVS2
: Combined resistance to set VOUT (Ω)
Since RVS1 have applied high voltage and have high
resistance value, RVS1 should be selected from
resistors designed against electromigration or use a
combination of resistors for that.
The value of capacitor C6 between the FB pin and the
GND pin is set approximately 100 pF to 3300 pF, in
order to reduce the switching noise.
 COMP Pin Peripheral Circuit: R
S, CS and CP
Figure 9-1 shows the IC peripheral circuit.
The FB pin voltage is induced into internal Error AMP.
The output voltage of the Error AMP is averaged by the
COMP pin. The on-time control is achieved by
comparing the signal VCOMP and the ramp signal VOSC.
CS and RS adjust the response speed of changing on-time
according to output power.
The typical value of CS and RS are 1 μF and 10 kΩ,
respectively. When CS value is too large, the response
becomes slow at dynamic variation of output and the
output voltage decreases.
Since CS and RS affect on the soft-start period at startup,
adjustment is necessary in actual operation.
The ripple of output detection signal is averaged by CP.
When the CP value is too small, the IC operation may
become unstable due to the output ripple. The value of
capacitor CP is approximately 0.47 μF.
 RT Pin Peripheral Circuit: R
RT and C3
The value of capacitor C3 in parallel with RRT is
approximately 0.01 μF, in order to reduce the switching
noise.
RRT is 15 kΩ to 47 kΩ for the adjustment of maximum
on-time, tON(MAX).
Refer to Section 8.4 for RRT setting.
 RDLY Pin Peripheral Circuit: R
DLY and C4
RDLY shown in Figure 9-1 is for the adjustment of the
turn-on delay time, tDLY, of the Power MOSFET. As
shown in Section 8.5 Zero Current Detection, adjust the
value of RDLY and turn-on timing to the bottom point of
VDS free oscillation waveform on actual operation in the
application. The range of RDLY is 15 kΩ to 56 kΩ.
The value of capacitor C4 is approximately 0.01 μF, in
order to reduce the switching noise.
 CS Pin Peripheral Circuit: R
CS, R4, C5 and DZCS
RCS shown in Figure 9-1 is current sensing resistor. RCS
is calculated by the following Equation (7), where
Overcurrent Protection Threshold Voltage VCS(OCP) is −
0.60 V and ILP is calculated by Equation (1).
LP
)
OCP
(
CS
CS
I
V
R
(Ω)
(7)
The CR filter (R4 and C5) prevents IC from
responding to
the drain current surge at power
MOSFET turn-on and avoids the unstable operation
of the IC.
R4 value of approximately 47 Ω is recommended,
since the CS Pin Source Current affects the accuracy
of OCP detection (see Section 8.5).
C5 value is recommended to be calculated by using
following equation in which the cut-off frequency of
the CR filter (C5 and R4) is approximately 1 MHz.
4
R
10
1
2
1
5
C
6
π
(F)
(8)
If R4 value is 47 Ω, C5 value is approximately
3300 pF.
The absolute voltage of the CS pin is −5 V. The CS
pin voltage may exceed the absolute value when the
startup current to a charge output capacitor, C2, flows
RCS. Thus, DZCS is used for the overvoltage protection
of the CS pin.
DZCS value of approximately 3.9 V is recommended.
The value should be higher than VCS(OCP) and be lower
than the CS pin absolute maximum rating of −5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com