Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 9 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 9 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 5Page - Sanken electric SSC2005SC Datasheet HTML 6Page - Sanken electric SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric SSC2005SC Datasheet HTML 10Page - Sanken electric SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
9
Feb. 06, 2015
The off duty DOFF of boost converter in CRM mode
have the relation of DOFF(t) = VAC(t)/VOUT and is
proportional to input voltage, where VAC(t) is the input
voltage of AC line as a function of time.
As a result of aforementioned control shown in Figure
8-4, the peak current, ILPEAK, of the inductance current,
IL, becomes sinusoidal. Since the averaged input current
become similar to AC input voltage waveform by a low
pass filter at input stage, high power factor is achieved.
8.2
Startup Operation
Figure 8-5 shows the VCC pin peripheral circuit.
The VCC pin is a control circuit power supply input.
The voltage is supplied by using external power supply.
As shown in Figure 8-6, when VCC pin voltage rises to
the Operation Start Voltage VCC(ON) = 12.0 V, the control
circuit starts operation. When the VCC pin voltage
decreases to VCC(OFF) = 9.5 V, the control circuit stops
operation by Undervoltage Lockout (UVLO) circuit, and
reverts to the state before startup.
Since COMP pin voltage rises from zero during
startup period, the VCOMP signal shown in Figure 8-3
gradually rises
from low
voltage.
The
on-width
gradually increased to restrict the rise of output power
by the Softstart Function. Thus, the stress of the
peripheral component is reduced.
COMP
GND
U1
3
6
CP
CS
RS
Cf
VCC
8
External
Power
Supply
Figure 8-5 VCC pin peripheral circuit
ICC
ICC(ON)
VCC(OFF)
VCC(ON)
VCC pin
voltage
Figure 8-6 Relationship between
VCC pin voltage and ICC
8.3
Restart Circuit
The IC is self-oscillation type. The off-time of OUT
pin is set by the zero current detection circuit (refer to
Section 8.5).
When the off-time of OUT pin is maintained for
tRS = 50 μs or more, the restart circuit is activated and
OUT pin turns on.
At intermittent oscillation period in startup and light
load, the restart circuit is activated and the switching
operation is stabilized.
Since tRS = 50 μs corresponds to the operational
frequency of 20 kHz, the minimum frequency should be
set to higher than 20 kHz (above audible frequency) at
the inductance value design.
8.4
Maximum On-time Setting
In order to reduce audible noise of transformer at
transient state, the IC has the Maximum on-time,
tON(MAX). This tON(MAX) is adjusted by the resistance RRT
which is connected to the RT pin.
Figure 8-7 shows the relation between RRT value and
tON(MAX) in IC design. .
The RRT value is set by using the result of tON(MAX)_OP
and Figure 8-7, where tON(MAX)_OP is the maximum
on-time of the peak voltage of the minimum AC input
voltage
● t
ON(SET)MAX Setting
ILP is calculated by Equation (1). ILP is peak current of
the peak voltage of the minimum AC input voltage.
)
MIN
(
ACRMS
OUT
LP
V
P
2
2
I
(A)
(1)
where,
POUT : Output power (W)
VACRMS(MIN) : Minimum AC input voltage rms value (V)
η : Efficiency of PFC (About 0.90 to 0.97)
tON(MAX)_OP is calculated by Equation (2) with results
of Equation (1) and Equation (5). tON(MAX)_OP is the
maximum on time of the peak voltage of the
minimum AC input voltage.
)
MIN
(
ACRMS
LP
P
OP
_
)
MAX
(
ON
V
2
I
L
t
(s)
(2)
where,
LP : Inductance value of the result of Equation (5)
VACRMS(MIN) : Minimum AC input voltage rms value (V)
● R
RT Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com