Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 17 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 17 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric SSC2005SC Datasheet HTML 14Page - Sanken electric SSC2005SC Datasheet HTML 15Page - Sanken electric SSC2005SC Datasheet HTML 16Page - Sanken electric SSC2005SC Datasheet HTML 17Page - Sanken electric SSC2005SC Datasheet HTML 18Page - Sanken electric SSC2005SC Datasheet HTML 19Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
17
Feb. 06, 2015
10. Reference Design of Power Supply
As an example, the following show the power supply specification, the circuit schematic, the bill of materials.
 Circuit schematic
IC
SSC2005SC
Input voltage
AC 85 to AC 265 V
Output power
200 W
Output voltage
390 V
Minimum operational frequency at the peak
of the AC line waveform
40 kHz (AC 265 V)
Efficiency
0.95
 Circuit schematic
VAC
C1
BR1
L1
C3
VOUT
VCC
OUT
COMP
FB
RDLY
GND
CS
8
7
6
5
SSC2005SC
U1
1
2
4
3
RT
C7
C6
R7
C11
External
power supply
R8
R9
C8
C9
C10
C5
Q1
D1
D3
D2
DZ1
R2
R1
R3
R5
R4
LINE
GND
R14
R6
R15
R13
R12
R10
R11
R16
R17
C2
C4
F1
TC_SSC2005SC_5_R1
 Bill of materials
Symbol
Part type
Ratings
(1)
Recommended
Sanken Parts
Symbol
Part type
Ratings
(1)
Recommended
Sanken Parts
BR1
General
600 V
R5
General
0.15 Ω, 2W
F1
Fuse
AC 250 V
R6
General
0.15 Ω, 2W
L1
Inductor
170 μH (EI30)
R7
General
10 kΩ
C1
Ceramic
450 V, 0.68 μF
R8
General
15kΩ
C2
Ceramic
450 V, 0.68 μF
R9
(2)
General
15kΩ
C3
(2)
Ceramic
450 V, 180 μF
R10
(3)
General
180 kΩ, 1%
C4
(2)
Ceramic
1kV, 100pF
R11
(3)
General
820 kΩ, 1%
C5
Ceramic
1000 pF
R12
(3)
General
560 kΩ, 1%
C6
Ceramic
0.47 μF
R13
(3)
General
560 kΩ, 1%
C7
Ceramic
1 μF
R14
(3)
General
680 kΩ, 1%
C8
Ceramic
0.01 μF
R15
(3)
General
680 kΩ, 1%
C9
Ceramic
0.01 μF
R16
(2)
General
Open
C10
Ceramic
3300 pF
R17
General
22 kΩ, 1%
C11
Ceramic
0.47 μF
D1
Fast recovery
600V, 10 A
FMNS-1106S
R1
(2)
General
100 Ω
D2
Schottky
60 V, 0.7 A
AK06
R2
(2)
General
10 Ω
D3
General
600V, 1.2A
RM10A
R3
(2)
General
100 kΩ
U1
IC
SSC2005SC
R4
General
47 Ω
(1) Unless otherwise specified, the voltage rating of capacitor is 50 V or less and the power rating of resistor is 1/8 W or less.
(2) It is necessary to be adjusted based on actual operation in the application.
(3) Resistors applied high DC voltage and of high resistance are recommended to select resistors designed against electromigration or use
combinations of resistors in series for that to reduce each applied voltage, according to the requirement of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com