Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 3 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 3 Page - Sanken electric

  SSC2005SC Datasheet HTML 1Page - Sanken electric SSC2005SC Datasheet HTML 2Page - Sanken electric SSC2005SC Datasheet HTML 3Page - Sanken electric SSC2005SC Datasheet HTML 4Page - Sanken electric SSC2005SC Datasheet HTML 5Page - Sanken electric SSC2005SC Datasheet HTML 6Page - Sanken electric SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
3
Feb. 06, 2015
1.
Absolute Maximum Ratings
For additional details, refer to the datasheet.
The polarity value for current specifies a sink as “+”, and a source as “−”, referencing the IC.
Unless specifically noted T
A = 25 °C
Parameter
Symbol
Conditions
Pins
Rating
Unit
Notes
VCC Pin Voltage
VCC
8 – 6
28
V
OUT Pin Source Current
IOUT(SRC)
7 – 6
− 500
mA
OUT Pin Sink Current
IOUT(SNK)
7 – 6
1000
mA
FB Pin Voltage
VFB
1 – 6
− 0.3 to 5
V
COMP Pin Current
ICOMP
2 – 6
− 200 to 200
µA
RT Pin Current
IRT
3 – 6
− 500 to 0
µA
RDLY Pin Current
IRDLY
4 – 6
− 500 to 0
µA
CS Pin Voltage
VCS
5 – 6
− 5 to 0.3
V
Allowable Power Dissipation
PD
−
0.5
W
Operating Ambient Temperature
TOP
−
− 40 to 110
°C
Storage Temperature
Tstg
−
− 40 to 150
°C
Junction Temperature
Tj
−
150
°C
2.
Electrical Characteristics
For additional details, refer to the datasheet.
The polarity value for current specifies a sink as “+”, and a source as “−”, referencing the IC.
Unless specifically noted, T
A = 25 °C, VCC = 14 V, VCS = 0.1 V
Parameter
Symbol
Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Operation
Operation Start Voltage
VCC(ON)
8 – 6
10.5
12.0
13.5
V
Operation Stop Voltage
VCC(OFF)
8 – 6
8.2
9.5
11.0
V
Operation Voltage Hysteresis
VCC(HYS)
8 – 6
1.4
2.5
3.1
V
Circuit Current in Operation
ICC(ON)
8 – 6
2.0
3.1
4.4
mA
Circuit Current in Non-Operation
ICC(OFF)
VCC = 9.5 V
8 – 6
40
80
160
µA
Oscillation Operation
Maximum On-Time
tON(MAX)
V FB = 1.5 V
RRT = 22 kΩ
7 – 6
15
23
33
µs
Minimum Off-Time
tOFF(MIN)
RDRY = 22 kΩ
7 – 6
1.35
1.95
2.80
µs
RDLY Pin Voltage
VRDLY
4 – 6
1.3
1.5
1.7
V
RT Pin Voltage
VRT
3 – 6
1.3
1.5
1.7
V
Feedback Control Voltage
VFB
1 – 6
2.46
2.50
2.54
V
Feedback Line Regulation
VFB(LR)
1 – 6
− 8
1
12
mV
FB Pin Bias Current
IFB
1 – 6
− 3.2
− 2.0
− 1.0
µA
Error Amplifier
Transconductance Gain
gm
1 – 6
2 – 6
60
103
150
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com