Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 11 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 11 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric SSC2005SC Datasheet HTML 10Page - Sanken electric SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric SSC2005SC Datasheet HTML 14Page - Sanken electric SSC2005SC Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
11
Feb. 06, 2015
Figure 8-10 tDLY as a function of and RDLY (IC design)
tDLY
Free oscillation
Delay time is short.
Make RDLY value larger.
Delay time is Long.
Make RDLY value smaller.
Ideal delay time
Bottom on
Figure 8-11 Turn-on timing of VDS
8.6
Minimum Off-time Limit Function
In order to prevent the rise of operation frequency at
light load, the IC have the Minimum Off-Time
tOFF(MIN) = 1.95 μs. If this Minimum Off-Time is shorter
than the freewheeling time of inductor, the IC operates
in discontinuous condition mode (DCM).
8.7
Overvoltage Protection (OVP)
Figure 8-12 shows the waveforms of Overvoltage
Protection (OVP) operation.
FB pin voltage
OUT pin
voltage
VOVP
VOVPHYS
Figure 8-12 Overvoltage protection waveforms
When the FB pin voltage increase to Overvoltage
Protection Threshold Voltage, VOVP, OUT pin voltage
become Low immediately and the switching operation
stops. As a result, the rise of output voltage is prevented.
VOVP is 1.090 times the Feedback Control Voltage,
VFB = 2.50 V. When the cause of the overvoltage is
removed and FB pin voltage decreases to VOVP −
VOVP(HYS), the switching operation restarts.
8.8
FB pin Under Voltage Protection
(FB_UVP)
FB pin Under Voltage Protection (FB_UVP) is
activated when the FB pin voltage is decreased by the
malfunctions in feedback loop such as the open of RVS1
or the short of RVS2.
Figure 8-13 shows the FB pin peripheral circuit and
internal circuit. When the FB pin voltage is decreased to
VUVP = 300 mV or less, the OUT pin output is turned-off
immediately
and
switching
operation
stops.
This
prevents the rise of output voltage. When the cause of
malfunction is removed and the FB pin voltage rises to
VUVP + VUVP(HYS), the switching operation restarts.
In case the FB pin is open, the FB pin voltage is
increase and Overvoltage Protection (OVP) is activated
as described in Section 8.7.
When the cause of malfunction is removed and the IC
becomes nomal control, the switching operation rstarts.
Error AMP
VFB
= 2.50V
VOUT
RVS1
RVS2
FB
1
VOSC
PWM COMP
OVP
VOVP
= 1.090×VFB
VOVP(HYS)
= 90mV
6
GND
UVP
VUVP
= 300mV
VUVP(HYS)
= 120mV
C6
U1
IFB
Figure 8-13 The FB pin peripheral circuit and
internal circuit.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
15
20
25
30
35
40
45
50
55
60
R
DLY (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com