Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 14 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 14 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 10Page - Sanken electric SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric SSC2005SC Datasheet HTML 14Page - Sanken electric SSC2005SC Datasheet HTML 15Page - Sanken electric SSC2005SC Datasheet HTML 16Page - Sanken electric SSC2005SC Datasheet HTML 17Page - Sanken electric SSC2005SC Datasheet HTML 18Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
14
Feb. 06, 2015
 OUT Pin Peripheral Circuit (Gate Drive Circuit)
Figure 9-2 shows the OUT pin peripheral circuit.
The OUT pin is the gate drive output which can drive an
external power MOSFET directly.
The maximum output voltage of the OUT pin is the VCC
pin voltage. The maximum current is −500 mA for
source and 1 A for sink, respectively.
R1 is for source current limiting. Both R2 and D2 are for
sink current limiting. The values of these components are
adjusted to decrease the ringing of Gate pin voltage and
the EMI noise. The reference value is several ohms to
several dozen ohms.
R3 is used to prevent malfunctions due to steep dv/dt at
turn-off of the power MOSFET, and the resistor is
connected near the power MOSFET, between the gate
and source. The reference value of R3 is from 10 kΩ to
100 kΩ.
R1, R2, D2 and R3 are affected by the printed circuit
board trace layout and the power MOSFET capacitance.
Thus, the optimal values should be adjusted under actual
operation of the application.
L1
Q1
RCS
GND
OUT
U1
6
7
R1
R2
R3
D2
Figure 9-2 The OUT pin peripheral circuit.
 VCC Pin Peripheral Circuit
Figure 9-3 shows the VCC pin peripheral circuit.
The VCC pin is power supply input. The VCC pin is
supplied from an external power.
When the VCC pin and the external power supply are
distant from each other, placing a film capacitor Cf
between the
VCC pin and
the
GND
pin is
recommended.
The value of capacitor Cf is set approximately 0.47 μF,
in order to reduce the switching noise.
GND
U1
6
Cf
VCC
8
External
Power
Supply
Figure 9-3 The VCC pin peripheral circuit
 Power MOSFET : Q1
Choose a power MOSFET having proper margin of
VDSS against output voltage, VOUT. The size of heat
sink is chosen taking into account some loss by
switching and ON resistance of the power MOSFET.
The RMS value of drain current, IDRMS is expressed as
follows:
)
MIN
(
ACRMS
OUT
DRMS
V
P
2
2
I
=
OUT
ACRMS(MIN)
V
9
V
2
4
6
1
π
-
(A)
(9)
The loss, PRDS(ON), by on-resistance of the power
MOSFET is calculated as follows:
C
125
)
ON
(
DS
2
DRSM
)
ON
(
RDS
R
I
P
 
(W)
(10)
where,
VACRMS(MIN)
: Minimum AC input voltage rms value (V)
POUT
: Output power (W)
η
: Efficiency of PFC
RDS(ON)125°C
: ON resistance of the power MOSFET at
Tch = 125 °C (Ω)
 Boost Diode: D
FW
Choose a boost diode having proper margin of a peak
reverse voltage VRSM against output voltage, VOUT.
A fast recovery diode is recommended to reduce the
switching noise and loss. Please ask our staff about
our lineup. The size of heat sink is chosen taking into
account some loss by VF and recovery current of the
boost diode.
The loss of VF, PDFW, is expressed as follows:
OUT
F
DFW
I
V
P
(W)
(11)
Where,
VF
: Forward voltage of boost diode (V)
IOUT : Out put current (A)
 Bypass Diode: D
BYP
A Bypass diode protects a boost diode from a large
current such as an inrush current. A high surge current
tolerance diode is recommended. Please ask our staff
about our lineup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com