Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2005SC Datasheet(PDF) 5 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 5 Page - Sanken electric

  SSC2005SC Datasheet HTML 1Page - Sanken electric SSC2005SC Datasheet HTML 2Page - Sanken electric SSC2005SC Datasheet HTML 3Page - Sanken electric SSC2005SC Datasheet HTML 4Page - Sanken electric SSC2005SC Datasheet HTML 5Page - Sanken electric SSC2005SC Datasheet HTML 6Page - Sanken electric SSC2005SC Datasheet HTML 7Page - Sanken electric SSC2005SC Datasheet HTML 8Page - Sanken electric SSC2005SC Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
5
Feb. 06, 2015
3.
Functional Block Diagram
4.
Pin Configuration Definitions
5
FB
VCC
7
8
1
2
4
6
3
COMP
RT
RDLY
OUT
GND
CS
Number
Name
Function
1
FB
Feedback signal input, overvoltage protection
signal input and FB pin undervoltage protection
signal input
2
COMP
Phase compensation
3
RT
Maximum on-time adjustment
4
RDLY
Turn-on delay time adjustment
5
CS
Overcurrent protection signal input and zero
current detection signal input
6
GND
Ground
7
OUT
Gate drive output
8
VCC
Power supply input for control circuit
REG
OUT
CS
FB
VCC
Error AMP
8
7
1
6
GND
Q
S
R
-
+
RT
4
COMP
3
2
UVP
ZCD
OCP
UVLO
-
+
-
+
OVP
V
FB=2.50V
12.0V
/9.5V
1.090V×V
FB
300mV
/420mV
5
-0.60V
RDLY
OSC
-10mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com