Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C32D Datasheet (PDF) - ATMEL Corporation

AT24C32D Datasheet PDF - ATMEL Corporation
Part # AT24C32D
Download  AT24C32D Download
File Size   1392.21 Kbytes
Page   26 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description electrically erasable and programmable read only memory

AT24C32D Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C32D Datasheet PDF - ATMEL Corporation

Part # AT24C32D
Download  AT24C32D Click to download

File Size   1392.21 Kbytes
Page   26 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description electrically erasable and programmable read only memory

AT24C32D Datasheet (HTML) - ATMEL Corporation


AT24C32D Product details

Description
The Atmel® AT24C32D provides 32,768 bits of Serial Electrically Erasable and Programmable Read-Only Memory (EEPROM) organized as 4,096 words of 8 bits each. The device’s cascading feature allows up to eight devices to share a common 2-wire bus. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space-saving 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, 5-lead SOT23, 5-ball WLCSP, and 8-ball VFBGA packages. In addition, this device operates from 1.7V to 5.5V.

Features
● Low-voltage and Standard-voltage Operation
   ̶ VCC = 1.7V to 5.5V
● Internally Organized as 4,096 x 8 (32K)
● I2C-compatible (2-Wire) Serial Interface
● Schmitt Trigger, Filtered Inputs for Noise Suppression
● Bidirectional Data Transfer Protocol
● 400kHz (1.7V) and 1MHz (2.5V, 2.7V, 5.0V) Compatibility
● Write Protect Pin for Hardware Protection
● 32-byte Page Write Mode
   ̶ Partial Page Writes Allowed
● Self-timed Write cycle (5ms Max)
● High Reliability
   ̶ Endurance: 1,000,000 Write Cycles
   ̶ Data Retention: 100 Years
● Lead-free/Halogen-free devices Available
● Green Package Options (Pb/Halide-free/RoHS Compliant)
   ̶ 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, 5-lead
      SOT23, 5-ball WLCSP, and 8-ball VFBGA packages
● Die Sale Options: Wafer Form, Waffle Pack, and Bumped Wafers




Similar Part No. - AT24C32D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D-CUM-T ATMEL-AT24C32D-CUM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MAHM-T ATMEL-AT24C32D-MAHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MEHM-T ATMEL-AT24C32D-MEHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-B ATMEL-AT24C32D-SSHM-B Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-T ATMEL-AT24C32D-SSHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Similar Description - AT24C32D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com