Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25128B Datasheet (PDF) - ATMEL Corporation

AT25128B Datasheet PDF - ATMEL Corporation
Part # AT25128B
Download  AT25128B Download
File Size   1031.31 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description serial electrically-erasable programmable read only memory

AT25128B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25128B Datasheet PDF - ATMEL Corporation

Part # AT25128B
Download  AT25128B Click to download

File Size   1031.31 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description serial electrically-erasable programmable read only memory

AT25128B Datasheet (HTML) - ATMEL Corporation


AT25128B Product details

Description
The AT25128B/256B provides 131,072/262,144 bits of serial electrically-erasable programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space saving 8-lead SOIC, 8-lead TSSOP, 8-ball VFBGA and 8-lead UDFN pack ages. In addition, the entire family is available in 1.8V (1.8V to 5.5V).

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• Data Sheet Describes Mode 0 Operation
• Low-voltage and Standard-voltage Operation
– 1.8 (VCC = 1.8V to 5.5V)
• 20 MHz Clock Rate (5V)
• 64-byte Page Mode and Byte Write Operation
• Block Write Protection
– Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software Data Protection
• Self-timed Write Cycle (5 ms Max)
• High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: >100 Years
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
• Die Sales: Wafer Form, Waffle Pack, and Bumped Die




Similar Part No. - AT25128B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128B ATMEL-AT25128B_14 Datasheet
770Kb / 22P
SPI Serial EEPROM
More results


Similar Description - AT25128B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
f serial electrically erasable able programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
Three-wire Serial Electrically Erasable Programmable Read-only Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com