Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25010B Datasheet (PDF) - ATMEL Corporation

AT25010B Datasheet PDF - ATMEL Corporation
Part # AT25010B
Download  AT25010B Download
File Size   1422.67 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description f serial electrically erasable able programmable read-only memory

AT25010B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25010B Datasheet PDF - ATMEL Corporation

Part # AT25010B
Download  AT25010B Click to download

File Size   1422.67 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description f serial electrically erasable able programmable read-only memory

AT25010B Datasheet (HTML) - ATMEL Corporation


AT25010B Product details

Description
The Atmel® AT25010B/020B/040B provides 1024/2048/4096 bits of serial electrically erasable programmable read-only memory (EEPROM) organized as 128/256/512 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25010B/020B/040B is available in space saving, JEDEC SOIC, UDFN, TSSOP, XDFN and VFBGA packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Data Sheet Describes Mode 0 Operation
• Low-voltage and Standard-voltage Operation
   – VCC = 1.8V to 5.5V
• 20 MHz Clock Rate (5V)
• 8-byte Page Mode
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• Green (Pb/Halogen-free/Rohs Compliant) Packaging Options
• Die Sales: Wafer Form, Waffle Pack, Bumped Wafers




Similar Part No. - AT25010B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
Serial Peripheral Interface (SPI) Compatible
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
Serial Peripheral Interface (SPI) Compatible
AT25010B-SSHL-T ATMEL-AT25010B-SSHL-T Datasheet
1Mb / 27P
SPI Serial EEPROM
AT25010B ATMEL-AT25010B_14 Datasheet
791Kb / 22P
SPI Serial EEPROM
More results


Similar Description - AT25010B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
Three-wire Serial Electrically Erasable Programmable Read-only Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com