Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA9520V Datasheet (PDF) - Sanyo Semicon Device

LA9520V Datasheet PDF - Sanyo Semicon Device
Part # LA9520V
Download  LA9520V Download
File Size   144.4 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AV Coupler Receiver

LA9520V Datasheet (PDF)

Go To PDF Page Download Datasheet
LA9520V Datasheet PDF - Sanyo Semicon Device

Part # LA9520V
Download  LA9520V Click to download

File Size   144.4 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AV Coupler Receiver

LA9520V Datasheet (HTML) - Sanyo Semicon Device


LA9520V Product details

Overview
The LA9520V is a receiver IC developed for free-space infrared transmission of stereo audio and video signals. It integrates all the required functions for reception, including I/V conversion for the received signal, a preamplifier, ALC, audio signal demodulation, and video signal demodulation functions, on a single chip. An AV coupler system can be implemented easily using this IC and a transmitter IC (such as the LA9511W or LA9512W).

Functions and Features
[Input Block]
• I/V conversion featuring excellent wideband characteristics
• Preamplifier ALC with wide ALC operating range

[Audio Block]
• Audio demodulator: Built-in 4.3 and 4.8 MHz demodulation circuits.
• Muting function: Mutes the output stage when there is no input signal. The muting function operating level can be adjusted from an input pin.
• Output amplifiers: The right and left levels can be adjusted by applying voltages to input pins. Electronic volume control support.

[Video Block]
• Video demodulator
• Video amplifier: Supports 75 Ω drive. Adjustable output level: supports an electronic volume control.
• Muting function: Mutes the output stage when there is no input signal. The muting function operating level can be adjusted from an input pin.
• Filter: Removes unneeded high-frequency components.




Similar Part No. - LA9520V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9511W SANYO-LA9511W Datasheet
155Kb / 13P
AV Remote Coupler Transmitter
logo
LIGITEK electronics co....
LA95B-DBK.X-2-PF LIGITEK-LA95B-DBK.X-2-PF Datasheet
116Kb / 6P
LED ARRAY
LA95B-DBK.X-PF LIGITEK-LA95B-DBK.X-PF Datasheet
109Kb / 6P
LED ARRAY
LA95B-G.X-2-PF LIGITEK-LA95B-G.X-2-PF Datasheet
112Kb / 6P
LED ARRAY
LA95B-G.X-PF LIGITEK-LA95B-G.X-PF Datasheet
109Kb / 6P
LED ARRAY
More results


Similar Description - LA9520V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2298 NJRC-NJM2298 Datasheet
182Kb / 4P
AV SWITCH AMPLIFIER
logo
Toshiba Semiconductor
TA8628N TOSHIBA-TA8628N Datasheet
134Kb / 4P
AV SWITCH
TA8742N TOSHIBA-TA8742N Datasheet
134Kb / 4P
AV SWITCH
logo
Sanyo Semicon Device
LA9511W SANYO-LA9511W Datasheet
155Kb / 13P
AV Remote Coupler Transmitter
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777 Datasheet
1Mb / 102P
24 BIT 192KHZ AV RECEIVER ON A CHIP
logo
List of Unclassifed Man...
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
AV PCI CONTROLLER
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
24-bit, 192kHz AV Receiver on-a-Chip
logo
Advanced Technical Mate...
AV06XX-XX ATM-AV06XX-XX Datasheet
48Kb / 1P
AV/AF06 ATTENUATOR
logo
NIHON DEMPA KOGYO
NX5032GA NDK-NX5032GA_15 Datasheet
672Kb / 1P
For OA / AV
AT-41 NDK-AT-41_16 Datasheet
733Kb / 1P
For OA / AV
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com