Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8777 Datasheet (PDF) - Wolfson Microelectronics plc

WM8777 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8777
Download  WM8777 Download
File Size   1288.03 Kbytes
Page   102 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ AV RECEIVER ON A CHIP

WM8777 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8777 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8777
Download  WM8777 Click to download

File Size   1288.03 Kbytes
Page   102 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ AV RECEIVER ON A CHIP

WM8777 Datasheet (HTML) - Wolfson Microelectronics plc


WM8777 Product details

DESCRIPTION
The WM8777 is a high performance, multi-channel audio codec. The WM8777 is ideal for surround sound processing applications for home hi-fi, automotive and other audio visual equipment. A S/PDIF transceiver with 4-channel input mux is included. Analogue domain bass management processing, and front channel analogue tone control facilities are provided.

FEATURES
• AV receiver on-a-chip with 8 DACs and 2 ADCs
• Integrated S/PDIF/IEC60958/AES3 transceiver
• Analogue Bass Management and stereo mixdown support
• Analogue tone controls for front 3 channels
• Master volume control on each DAC channel with gain range of +20dB to -100dB in 1dB steps
• Audio Performance
    − 108dB SNR (‘A’ weighted @ 48kHz) DAC
    − 102dB SNR (‘A’ weighted @ 48kHz) ADC
    − 110dB SNR (‘A’ weighted) Analogue volume control
• DAC Sampling Frequency: 8KHz – 192kHz
• ADC Sampling Frequency: 8KHz – 192kHz
• 3-Wire SPI or 2-wire MPU Serial Control Interface with readback.
• Master or Slave Clocking Mode
• Programmable Format Audio Data Interface Modes
• Four Independent stereo DAC outputs with independent digital volume controls
• Integrated Stereo headphone amplifier with source select
• 5.1 channel analogue input prior to the tone controls, bass management and stereo mixdown functions.
• Six stereo input ADC mux with analogue gain adjust from +24dB to –21dB in 0.5dB steps
• 5V Analogue, 2.7V to 3.6V Digital supply Operation

APPLICATIONS
• Surround Sound AV Processors and Hi-Fi systems




Similar Part No. - WM8777

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777 Datasheet
1Mb / 103P
24-bit, 192kHz AV Receiver on-a-Chip
WM8777SEFT/V WOLFSON-WM8777SEFT/V Datasheet
1Mb / 103P
24-bit, 192kHz AV Receiver on-a-Chip
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
24-bit, 192kHz AV Receiver on-a-Chip
More results


Similar Description - WM8777

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
24-bit, 192kHz AV Receiver on-a-Chip
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Asahi Kasei Microsystem...
AK4103A AKM-AK4103A_09 Datasheet
403Kb / 27P
192kHz 24-Bit DIT
AK4396VF AKM-AK4396VF Datasheet
541Kb / 38P
Advanced Multi-Bit 192kHz 24-Bit
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com