Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1246 Datasheet (PDF) - Sanyo Semicon Device

LB1246 Datasheet PDF - Sanyo Semicon Device
Part # LB1246
Download  LB1246 Download
File Size   69.48 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Active-Low Input Printer Driver?

LB1246 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1246 Datasheet PDF - Sanyo Semicon Device

Part # LB1246
Download  LB1246 Click to download

File Size   69.48 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Active-Low Input Printer Driver?

LB1246 Datasheet (HTML) - Sanyo Semicon Device


LB1246 Product details

Overview
The LB1246 is a 7-channel driver array with large current, low saturation output and contains a motor driver with brake circuit. It is suited for use in low active input, low voltage, large current driver applications.

Features
• Low active input type.
• Large current capacity (400mA) and low saturation output voltage (0.5V max at 400mA).
• Motor driver with spark killer.
• Input protecting diode.
• Especially suited for battery-operated printer drivers of various types.




Similar Part No. - LB1246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1240 SANYO-LB1240 Datasheet
51Kb / 2P
Fluorescent Display Tube Driver
LB1241 SANYO-LB1241 Datasheet
53Kb / 2P
Fluorescent Display Tube Driver?
LB1245 SANYO-LB1245 Datasheet
63Kb / 2P
Active-Low Input Fluorescent Display Tube Driver?
LB1247 SANYO-LB1247 Datasheet
65Kb / 3P
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver?
LB1249 SANYO-LB1249 Datasheet
67Kb / 3P
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver???
More results


Similar Description - LB1246

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62382AP TOSHIBA-TD62382AP Datasheet
245Kb / 7P
8CH LOW INPUT ACTIVE SINK DRIVER
TD62383P TOSHIBA-TD62383P Datasheet
188Kb / 5P
8CH LOW INPUT ACTIVE SINK DRIVER
logo
Sanyo Semicon Device
LB1245 SANYO-LB1245 Datasheet
63Kb / 2P
Active-Low Input Fluorescent Display Tube Driver?
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Toshiba Semiconductor
TD62382APG TOSHIBA-TD62382APG Datasheet
338Kb / 8P
8CH LOW INPUT ACTIVE SINK DRIVER
2005-03-03
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com