Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1247 Datasheet (PDF) - Sanyo Semicon Device

LB1247 Datasheet PDF - Sanyo Semicon Device
Part # LB1247
Download  LB1247 Download
File Size   65.23 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Active-Low Input,8-Unit, High-Current, Low-Saturation Driver?

LB1247 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1247 Datasheet PDF - Sanyo Semicon Device

Part # LB1247
Download  LB1247 Click to download

File Size   65.23 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Active-Low Input,8-Unit, High-Current, Low-Saturation Driver?

LB1247 Datasheet (HTML) - Sanyo Semicon Device


LB1247 Product details

Overview

The LB1247 is a low active input type 8-unit driver array with high current, low saturation output.



Features

• Low active input type.

• Input protecting diodes.

• High current capacity (400mA) and low saturation voltage (0.5V max).

• With spark killer diodes.



Applications

• 4-phase stepping motor driver of 2 channels.

• Especially suited for X-Y axis plotter printer driver.

• High current, low saturation voltage general-purpose 8-unit driver (relay, LED, lamp solenoid, etc.).



 




Similar Part No. - LB1247

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1240 SANYO-LB1240 Datasheet
51Kb / 2P
Fluorescent Display Tube Driver
LB1241 SANYO-LB1241 Datasheet
53Kb / 2P
Fluorescent Display Tube Driver?
LB1245 SANYO-LB1245 Datasheet
63Kb / 2P
Active-Low Input Fluorescent Display Tube Driver?
LB1246 SANYO-LB1246 Datasheet
69Kb / 3P
Active-Low Input Printer Driver?
LB1249 SANYO-LB1249 Datasheet
67Kb / 3P
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver???
More results


Similar Description - LB1247

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
logo
Sanyo Semicon Device
LB1249 SANYO-LB1249 Datasheet
67Kb / 3P
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver???
LB1257 SANYO-LB1257 Datasheet
57Kb / 2P
8-Unit, Low-Saturation Driver????
LB1258 SANYO-LB1258 Datasheet
53Kb / 2P
7-Unit, Low-Saturation Driver?
logo
Toshiba Semiconductor
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
4ch Low Input Active High-Current Darlington Sink Driver
13-Jun-2006
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com