Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1265 Datasheet (PDF) - Sanyo Semicon Device

LB1265 Datasheet PDF - Sanyo Semicon Device
Part # LB1265
Download  LB1265 Download
File Size   57.62 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Channel Low-Saturation Driver?

LB1265 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1265 Datasheet PDF - Sanyo Semicon Device

Part # LB1265
Download  LB1265 Click to download

File Size   57.62 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Channel Low-Saturation Driver?

LB1265 Datasheet (HTML) - Sanyo Semicon Device


LB1265 Product details

Overview
The LB1265, 1265M are 8-channel low saturation driver arrays having a strobe pin.

Features
• Low saturation output (0.3V max. at 80mA).
• With a strobe pin.
• On-chip spark killer diodes.
• DIP20 package for high power use ; MFP20 package for small-sized use.

Applications
• Drive of various relays.
• Drive of display elements such as LED, lamp.
• Interface.
• Drive of small-sized printers.




Similar Part No. - LB1265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB1263AR ETC1-LB1263AR Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
LB1264 ETC-LB1264 Datasheet
94Kb / 2P
LB1264
logo
Sanyo Semicon Device
LB1267 SANYO-LB1267 Datasheet
54Kb / 3P
2-Channel, High-Current, Low-Saturation Driver Array
LB1267M SANYO-LB1267M Datasheet
55Kb / 3P
2-Channel, High-Current, Low-Saturation Driver Array
LB1268 SANYO-LB1268 Datasheet
56Kb / 3P
3-Channel, High-Current, Low-Saturation Driver Array?
More results


Similar Description - LB1265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62306P TOSHIBA-TD62306P Datasheet
253Kb / 7P
6CH LOW SATURATION SINK DRIVER
TD62307P TOSHIBA-TD62307P Datasheet
256Kb / 7P
7CH LOW SATURATION SINK DRIVER
logo
Sanyo Semicon Device
LB1247 SANYO-LB1247 Datasheet
65Kb / 3P
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver?
LB1249 SANYO-LB1249 Datasheet
67Kb / 3P
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver???
LB1257 SANYO-LB1257 Datasheet
57Kb / 2P
8-Unit, Low-Saturation Driver????
LB1267 SANYO-LB1267 Datasheet
54Kb / 3P
2-Channel, High-Current, Low-Saturation Driver Array
LB1267M SANYO-LB1267M Datasheet
55Kb / 3P
2-Channel, High-Current, Low-Saturation Driver Array
LB1268 SANYO-LB1268 Datasheet
56Kb / 3P
3-Channel, High-Current, Low-Saturation Driver Array?
logo
Analog Intergrations Co...
LB1268 AIC-LB1268 Datasheet
52Kb / 3P
3-Channel High-Current Low-Saturation Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com