Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1412M Datasheet (PDF) - Sanyo Semicon Device

LB1412M Datasheet PDF - Sanyo Semicon Device
Part # LB1412M
Download  LB1412M Download
File Size   72.35 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Level Meter for 12 LEDs

LB1412M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1412M Datasheet PDF - Sanyo Semicon Device

Part # LB1412M
Download  LB1412M Click to download

File Size   72.35 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Level Meter for 12 LEDs

LB1412M Datasheet (HTML) - Sanyo Semicon Device


LB1412M Product details

Functions and Features

. Bar-shaped display of input level by means of 12 LEDs.

. High-order 5 dots with peak hold.

. Built-in oscillator for peak hold reset. Requires 1pce each of external C, R. Uses either oscillator at the time of stereo operation. Also capable of resetting manually.

. Capable of constant-current driving low-order 7 dots (green LED). Constant-current value variable with an external resistor.

. Lower current drain available by connecting green LEDs in series.

. Built-in input amplifier.

. Requires no other light-up level adjustment than adjustment for 0 dB. D1 error: Within ±3dB of 20dB

.Supply voltage range: 10 to 16 V




Similar Part No. - LB1412M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
Level Meter Driver for 12 LEDs
More results


Similar Description - LB1412M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1405 SANYO-LB1405 Datasheet
183Kb / 8P
Level Meter
LB1408 SANYO-LB1408 Datasheet
65Kb / 3P
Level Meter?
LB1409 SANYO-LB1409 Datasheet
57Kb / 4P
Level Meter Driver for 9 LEDs
LB1410 SANYO-LB1410 Datasheet
119Kb / 3P
Level Meter?
LB1411 SANYO-LB1411 Datasheet
66Kb / 3P
Level Meter?
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
Level Meter Driver for 12 LEDs
LB1416 SANYO-LB1416 Datasheet
138Kb / 4P
Level Meter?
logo
Extech Instruments Corp...
407703A EXTECH-407703A Datasheet
177Kb / 1P
Analog Sound Level Meter
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
Sound level meter
logo
Fuji Electric
EDS7-49A FUJI-EDS7-49A Datasheet
155Kb / 4P
ULTRANSONIC LIQUID LEVEL METER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com