Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1409 Datasheet (PDF) - Sanyo Semicon Device

LB1409 Datasheet PDF - Sanyo Semicon Device
Part # LB1409
Download  LB1409 Download
File Size   57.75 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Level Meter Driver for 9 LEDs

LB1409 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1409 Datasheet PDF - Sanyo Semicon Device

Part # LB1409
Download  LB1409 Click to download

File Size   57.75 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Level Meter Driver for 9 LEDs

LB1409 Datasheet (HTML) - Sanyo Semicon Device


LB1409 Product details

Functions
• Display
    Nine red or green LEDs display the input level in the shape of a bar.
• Input amplifier
    Wide application is available owing to built-in DC amplifier
    whose gain is variable with external resistors.
• Comparator level
    Setting is made by steps of 3 dB as follows.
    –18 dB, –15 dB, –12 dB, –9 dB, –6 dB, –3 dB, 0 dB, +3 dB, +6 dB
• Supply voltage
    The recommended supply voltage range is so wide as 5.5 V to 16 V. (If pin Vref 2 is used, 7 V to 16 V.)
• Reference voltage
    Constant voltage output is available with external transistor owing to pin Vref 2 = 5 V.

Applications
• AC level meters such as VU meters.
• DC level meters such as signal meters.




Similar Part No. - LB1409

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1403N SANYO-LB1403N Datasheet
113Kb / 4P
5-Dot Red/Green LED Level Meter
LB1405 SANYO-LB1405 Datasheet
183Kb / 8P
Level Meter
LB1407 SANYO-LB1407 Datasheet
76Kb / 3P
AC/DC Voltage Level Meter
LB1408 SANYO-LB1408 Datasheet
65Kb / 3P
Level Meter?
logo
SIPAT Co,Ltd
LB140DS03 SIPAT-LB140DS03 Datasheet
274Kb / 3P
140MHz SAW Filter 3.5MHz Bandwidth
More results


Similar Description - LB1409

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2284 SAMSUNG-KA2284 Datasheet
98Kb / 4P
5 DOT LED LEVEL METER DRIVER
S1A2284A01 SAMSUNG-S1A2284A01 Datasheet
42Kb / 4P
5 DOT LED LEVEL METER DRIVER
logo
Sanyo Semicon Device
LB1405 SANYO-LB1405 Datasheet
183Kb / 8P
Level Meter
LB1408 SANYO-LB1408 Datasheet
65Kb / 3P
Level Meter?
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
Level Meter Driver for 12 LEDs
LB1412M SANYO-LB1412M Datasheet
72Kb / 5P
Level Meter for 12 LEDs
LB1416 SANYO-LB1416 Datasheet
138Kb / 4P
Level Meter?
logo
Samsung semiconductor
KA2287 SAMSUNG-KA2287 Datasheet
114Kb / 3P
5 DOT LED LINEAR LEVEL METER DRIVER
logo
Sanyo Semicon Device
LC7583N SANYO-LC7583N Datasheet
190Kb / 9P
LCD Driver with Level Meter
logo
Unisonic Technologies
LA2284 UTC-LA2284_05 Datasheet
142Kb / 5P
5-DOT DUAL LED LEVEL METER DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com