Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7583N Datasheet (PDF) - Sanyo Semicon Device

LC7583N Datasheet PDF - Sanyo Semicon Device
Part # LC7583N
Download  LC7583N Download
File Size   190.57 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Driver with Level Meter

LC7583N Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7583N Datasheet PDF - Sanyo Semicon Device

Part # LC7583N
Download  LC7583N Click to download

File Size   190.57 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Driver with Level Meter

LC7583N Datasheet (HTML) - Sanyo Semicon Device


LC7583N Product details

Overview
The LC7583N is an LCD driver that can be microcomputercontrolled to provide segment display and level meter display.

Features
• The serial data address is “5”.
• 1/2duty, 1/2bias, 66 segments (max) (Except ADC output, DSP input display).
• 5-bit AD converter and three selections of level output shown below.
    (1) 13 dots x 2ch Log scale
    (2) 13 dots x 2ch Linear scale
    (3) 26 dots x 1ch Linear scale
• 2 display (DSP) pins for direct display.
• Microcomputer-controlled data input using 3 pins for serial data input and control.
• The full scale of the AD converter is 31/48Vref. The Vref is variable (with Vref pin).
• Available for increased use in general-purpose applications because no decoder is required to display the segment data.
• Control bits used to cause the segment output and AD output to be lighted/unlighted.
• RES pin used to cause the initial mode to be entered.




Similar Part No. - LC7583N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
General-Purpose LCD Display Driver
July, 2013
LC75832E ONSEMI-LC75832E Datasheet
382Kb / 24P
Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832E-E ONSEMI-LC75832E-E Datasheet
382Kb / 24P
Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832EH-E ONSEMI-LC75832EH-E Datasheet
382Kb / 24P
Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results


Similar Description - LC7583N

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2284 SAMSUNG-KA2284 Datasheet
98Kb / 4P
5 DOT LED LEVEL METER DRIVER
S1A2284A01 SAMSUNG-S1A2284A01 Datasheet
42Kb / 4P
5 DOT LED LEVEL METER DRIVER
logo
Sanyo Semicon Device
LB1405 SANYO-LB1405 Datasheet
183Kb / 8P
Level Meter
LB1408 SANYO-LB1408 Datasheet
65Kb / 3P
Level Meter?
LB1409 SANYO-LB1409 Datasheet
57Kb / 4P
Level Meter Driver for 9 LEDs
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
Level Meter Driver for 12 LEDs
LB1416 SANYO-LB1416 Datasheet
138Kb / 4P
Level Meter?
logo
Samsung semiconductor
KA2287 SAMSUNG-KA2287 Datasheet
114Kb / 3P
5 DOT LED LINEAR LEVEL METER DRIVER
logo
Unisonic Technologies
LA2284 UTC-LA2284_05 Datasheet
142Kb / 5P
5-DOT DUAL LED LEVEL METER DRIVER
logo
Sharp Corporation
IR2E01 SHARP-IR2E01 Datasheet
87Kb / 1P
LED/LCD Level Meter Drivers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com