Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN101C97 Datasheet (PDF) - Panasonic Semiconductor

MN101C97 Datasheet PDF - Panasonic Semiconductor
Part # MN101C97
Download  MN101C97 Download
File Size   423.95 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 8-bit Single-chip Microcontroller

MN101C97 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN101C97 Datasheet PDF - Panasonic Semiconductor

Part # MN101C97
Download  MN101C97 Click to download

File Size   423.95 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 8-bit Single-chip Microcontroller

MN101C97 Datasheet (HTML) - Panasonic Semiconductor


MN101C97 Product details

Overview

The MN101C series of 8-bit single-chip microcomputers incorporate multiple types of peripheral functions. This chip series is well suited for camera, VCR, MD, TV, CD, LD, printer, telephone, home automation, pager, air conditioner, PPC, remote control, fax machine, music instrument and other applications.

This LSI brings to embedded microcomputer applications flexible, optimized hardware configurations and a simple efficient instruction set. The MN101C97D has an internal 64 KB of ROM and 1 KB of RAM. Peripheral functions include 7 external interrupts, 13 internal interrupts including NMI, 8 timer counters, 2 sets of serial interfaces, A/D converter, watchdog timer, buzzer output, and remote control output. The configuration of this microcomputer is well suited for application as a system controller in a camera, timer selector for VCR, CD player, or MD.

With two oscillation system (max. 8 MHz/32 kHz) contained on the chip, the system clock can be switched to high frequency input (high speed mode), or to low frequency input (low speed mode).





Features

• ROM Size:

   MN101C97D, MN101CF97D 65536 × 8 bit

   MN101C97A 32768 × 8 bit

• RAM Size: 1024 × 8 bit

• Package:

   TQFP48 (7mm square, 0.5mm pitch)

   QFP44 (10mm square, 0.8mm pitch) *Under planning

• Machine Cycle:

  

     High speed mode

      0.125 ms / 8 MHz (2.7 V to 3.6 V)

      0.250 ms / 4 MHz (1.8 V to 3.6 V)

     High speed mode

      0.250 ms / 8 MHz (2.2 V to 3.6 V)

      0.500 ms / 4 MHz (1.8 V to 3.6 V)

   Low speed mode

      62.5 ms / 32 kHz (1.8 V to 3.6 V)

  

     High speed mode

      0.250 ms / 4 MHz (2.2 V to 3.6 V)

      0.270 ms / 3.7 MHz (2.0 V to 3.6 V)

      0.500 ms / 2 MHz (1.8 V to 3.6 V)

     High speed mode

      0.250 ms / 8 MHz (2.2 V to 3.6 V)

      0.500 ms / 4 MHz (1.8 V to 3.6 V)

   Low speed mode

      62.5 ms / 32 kHz (1.8 V to 3.6 V)

• Clock Gear Circuit Embedded:

   The operation speed of system clock can be changed by switching the dividing ratio of the oscillation clock.

   (1, 2, 4, 8, 16, 32, 64, 128 dividing)

• Oscillation Circuit:

   2 channels oscillation circuits (High-speed / Low-speed)

• Operation Modes:

   NORMAL mode (High-speed mode)

   SLOW mode (Low-speed mode)

   HALT mode (High-speed / Low-speed mode)

   STOP mode

   The operation clock can be switched in each mode.

• ROM Correction:

   Maximum of 3 parts in a program

• Operation Voltage: 1.8 V to 3.6 V

• Operation Temperature: -40°C to + 85°C



 




Similar Part No. - MN101C97

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C97A PANASONIC-MN101C97A Datasheet
302Kb / 4P
MN101C97A
MN101C97D PANASONIC-MN101C97D Datasheet
302Kb / 4P
MN101C97A
More results


Similar Description - MN101C97

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com