Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1630 Datasheet (PDF) - Sanyo Semicon Device

LB1630 Datasheet PDF - Sanyo Semicon Device
Part # LB1630
Download  LB1630 Download
File Size   53.15 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications

LB1630 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1630 Datasheet PDF - Sanyo Semicon Device

Part # LB1630
Download  LB1630 Click to download

File Size   53.15 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications

LB1630 Datasheet (HTML) - Sanyo Semicon Device


LB1630 Product details

Overview
The LB1630 is a low-saturation bidirectional motor driver IC for use in low-voltage applicaions. It is especially suited for use in small-sized low-voltage motors for printers, cassette tape recorders, and consumer equipment.
   
Features
• Capable of operating from a low voltage (2.5V min).
    Low current drain at the srandby mode (ICC≤30µA).
• Low-saturation voltage (upper transistor + lower
    transistor residual voltage 1.2V max at 400mA).
• On-chip spark killer diodes.
   




Similar Part No. - LB1630

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
More results


Similar Description - LB1630

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1831M SANYO-LB1831M Datasheet
70Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1833M SANYO-LB1833M Datasheet
69Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1834M SANYO-LB1834M Datasheet
71Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1836M SANYO-LB1836M Datasheet
91Kb / 5P
Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M Datasheet
67Kb / 4P
Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com