Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1836M Datasheet (PDF) - Sanyo Semicon Device

LB1836M Datasheet PDF - Sanyo Semicon Device
Part # LB1836M
Download  LB1836M Download
File Size   91.51 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-saturation, Bidirectional Motor Driver for Low-voltage Applications

LB1836M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1836M Datasheet PDF - Sanyo Semicon Device

Part # LB1836M
Download  LB1836M Click to download

File Size   91.51 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-saturation, Bidirectional Motor Driver for Low-voltage Applications

LB1836M Datasheet (HTML) - Sanyo Semicon Device


LB1836M Product details

Overview
The LB1836M is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications.
The LB1836M is a bipolar stepper-motor driver IC that is ideal for use in printers, FDDs, cameras and other portable devices.

Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Parallel connection (Upper transistor + lower transistor residual voltage ; 0.5V typ at 800mA).
• Separate logic power supply and motor power supply
• Brake function
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)




Similar Part No. - LB1836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results


Similar Description - LB1836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1831M SANYO-LB1831M Datasheet
70Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1833M SANYO-LB1833M Datasheet
69Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1834M SANYO-LB1834M Datasheet
71Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1838M SANYO-LB1838M Datasheet
67Kb / 4P
Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com