Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1836M Datasheet (PDF) - ON Semiconductor

LB1836M Datasheet PDF - ON Semiconductor
Part # LB1836M
Download  LB1836M Download
File Size   76.87 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive

LB1836M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1836M Datasheet PDF - ON Semiconductor

Part # LB1836M
Download  LB1836M Click to download

File Size   76.87 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive

LB1836M Datasheet (HTML) - ON Semiconductor


LB1836M Product details

Overview
The LB1836M is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications. The LB1836M is a bipolar stepper-motor driver IC that is ideal for use in printers, FDDs, cameras and other portable devices.

Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Parallel connection (Upper transistor + lower transistor residual voltage ; 0.5V typ at 800mA).
• Separate logic power supply and motor power supply
• Brake function
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)




Similar Part No. - LB1836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M Datasheet
91Kb / 5P
Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1836M SANYO-LB1836M Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results


Similar Description - LB1836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com