Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1846MC Datasheet (PDF) - Sanyo Semicon Device

LB1846MC Datasheet PDF - Sanyo Semicon Device
Part # LB1846MC
Download  LB1846MC Download
File Size   154.24 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver

LB1846MC Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1846MC Datasheet PDF - Sanyo Semicon Device

Part # LB1846MC
Download  LB1846MC Click to download

File Size   154.24 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver

LB1846MC Datasheet (HTML) - Sanyo Semicon Device


LB1846MC Product details

Overview

The LB1846MC is 2-channel low-voltage, low saturation voltage type bidirectional motor driver IC that is optimal for use as 2-phase stepping motor drivers in printers, cameras and other portable equipment. The output circuits are of the bipolar type, with PNP transistors in the upper side and NPN transistors in the lower side, and they achieve low saturation output and low power characteristics despite being provided in a miniature package.



Functions

•Optimal for 1-2 phase excitation drive for 2-phase stepping motors 

•Standby current: Zero

•Low saturation voltage. VO (sat) = 0.55V typical at IO = 400mA  •Thermal shutdown circuit

•No limitations on the magnitude relationship between the power supply voltage (VCC) and the input voltage (VIN)




Similar Part No. - LB1846MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1846MC ONSEMI-LB1846MC Datasheet
114Kb / 4P
Bidirectional Motor Driver
June, 2013
More results


Similar Description - LB1846MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M Datasheet
104Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com