Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1838JM Datasheet (PDF) - Sanyo Semicon Device

LB1838JM Datasheet PDF - Sanyo Semicon Device
Part # LB1838JM
Download  LB1838JM Download
File Size   77.99 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive

LB1838JM Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1838JM Datasheet PDF - Sanyo Semicon Device

Part # LB1838JM
Download  LB1838JM Click to download

File Size   77.99 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive

LB1838JM Datasheet (HTML) - Sanyo Semicon Device


LB1838JM Product details

Overview
The LB1838JM is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications. It has a wide operating temperature range of -40 to 80°C and is ideal for 2-phase excitation bipolar stepping motor driver IC used in automotive components (other than critical safety parts), consumer and industrial products, and many other applications.

Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Through-current prevention circuit built in
• Separate logic power supply and motor power supply
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)




Similar Part No. - LB1838JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
More results


Similar Description - LB1838JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com