Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1634M Datasheet (PDF) - Sanyo Semicon Device

LB1634M Datasheet PDF - Sanyo Semicon Device
Part # LB1634M
Download  LB1634M Download
File Size   86.62 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage, Low-Saturation Forward/Reverse Motor Driver

LB1634M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1634M Datasheet PDF - Sanyo Semicon Device

Part # LB1634M
Download  LB1634M Click to download

File Size   86.62 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage, Low-Saturation Forward/Reverse Motor Driver

LB1634M Datasheet (HTML) - Sanyo Semicon Device


LB1634M Product details

Overview

The LB1634M is a low-saturation bidirectional motor driver IC for use in low-voltage applications. At an IO of 1A, they have a low saturation output VO max=1.4V. They are especially suited for use in compact motor of portable equipment.



Features

• Low voltage operation (2.5V min).

• Low saturation voltage.

  (upper transistor + lower transistor residual voltage ; at IO=1A, VO(sat)=0.9V typ.).

• Low current drain at standby mode (ICCO=10µA typ. or less.

• Separate logic power supply and motor power supply.

• Brake function built in.

• Spark killer diode built in.

• Compact package (MFP-16FS) suited for surface mounting.



 




Similar Part No. - LB1634M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1635M SANYO-LB1635M Datasheet
43Kb / 3P
Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
More results


Similar Description - LB1634M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M Datasheet
147Kb / 5P
Single-Channel Low Saturation Voltage Forward/Reverse Motor Driver
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com