Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP Datasheet (PDF) - Diodes Incorporated

BC847CDLP Datasheet PDF - Diodes Incorporated
Part # BC847CDLP
Download  BC847CDLP Download
File Size   119.47 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN DUAL SURFACE MOUNT TRANSISTOR

BC847CDLP Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847CDLP Datasheet PDF - Diodes Incorporated

Part # BC847CDLP
Download  BC847CDLP Click to download

File Size   119.47 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN DUAL SURFACE MOUNT TRANSISTOR

BC847CDLP Datasheet (HTML) - Diodes Incorporated


BC847CDLP Product details

Features
• BVCEO > 45V
• Low profile 0.4mm high package for thin applications
• Ultra-Small Surface Mount Package
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BC847CDLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847CDLP DIODES-BC847CDLP_15 Datasheet
204Kb / 6P
45V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 7
More results


Similar Description - BC847CDLP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
CMXT3904 CENTRAL-CMXT3904 Datasheet
98Kb / 2P
SURFACE MOUNT DUAL NPN SILIOCON TRANSISTOR
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Diodes Incorporated
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
DUAL NPN SURFACE MOUNT TRANSISTOR
DS31484 Rev. 3 - 2
DST3904DJ DIODES-DST3904DJ_15 Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
Rev 2
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
DUAL NPN SURFACE MOUNT TRANSISTOR
Rev 3
logo
Central Semiconductor C...
CMLT2222A CENTRAL-CMLT2222A_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
CMLT8099 CENTRAL-CMLT8099_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
logo
TT Electronics.
2N5794U TTELEC-2N5794U Datasheet
487Kb / 3P
Surface Mount Dual NPN Transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com