Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847CDLP
Description  NPN DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847CDLP Datasheet HTML 1Page - Diodes Incorporated BC847CDLP Datasheet HTML 2Page - Diodes Incorporated BC847CDLP Datasheet HTML 3Page - Diodes Incorporated BC847CDLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30817 Rev. 6 - 2
2 of 4
www.diodes.com
BC847CDLP
© Diodes Incorporated
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 5)
V(BR)CBO
50
V
IC = 10µA, IB = 0
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
45
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage (Note 5)
V(BR)EBO
6
V
IE = 1µA, IC = 0
DC Current Gain (Note 5)
hFE
420
650
800
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage (Note 5)
VCE(SAT)
55
130
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage (Note 5)
VBE(SAT)
700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage (Note 5)
VBE(ON)
580
660
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Cutoff Current (Note 5)
ICES
ICBO
ICBO
15
15
5.0
nA
nA
µA
VCE = 50V
VCB = 30V
VCE = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
2.0
pF
VCB = 10V, f = 1MHz
Notes: 3. Device mounted on FR-5 PCB pad layout as shown on page 4.
5. Short duration test pulse used to minimize self-heating effect.
0
50
100
50
100
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Power Dissipation vs. Ambient Temperature (Note 3)
A
150
200
250
0
300
350
25
75
125
V
, COLLECTOR EMITTER VOLTAGE (V)
Fig. 2 Typical Collector Current vs. Collector Emitter Voltage
CE
0.00
0.05
0.10
0.15
0.20
0.25
0
1
2
34
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com