Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1638 Datasheet (PDF) - Sanyo Semicon Device

LB1638 Datasheet PDF - Sanyo Semicon Device
Part # LB1638
Download  LB1638 Download
File Size   57.86 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications

LB1638 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1638 Datasheet PDF - Sanyo Semicon Device

Part # LB1638
Download  LB1638 Click to download

File Size   57.86 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications

LB1638 Datasheet (HTML) - Sanyo Semicon Device


LB1638 Product details

Overview
The LB1638, LB1638M are low-saturation bidirectional motor driver ICs for use in low-voltage applications. At an IO of 500mA, they have a low saturation output of VO(sat) = 0.75V. They are especially suited for use in compact motor of portable equipment.

Features
• Low voltage operation (2.5V min.)
• Low saturation voltage (upper transistor + lower transistor residual voltage; at IO = 500mA, VO(sat) = 0.75V typ.)
• Low current drain at standby mode (ICCO = 0.1μA typ. or less)
• Separate logic power supply and motor power supply
• Brake function
• Built-in spark killer diodes




Similar Part No. - LB1638

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638 Datasheet
85Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638 Datasheet
60Kb / 4P
Bidirectional Motor Driver
LB1638M SANYO-LB1638M Datasheet
85Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC ONSEMI-LB1638MC Datasheet
68Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Similar Description - LB1638

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1635M SANYO-LB1635M Datasheet
43Kb / 3P
Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com