Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZT5551 Datasheet (PDF) - Diodes Incorporated

DZT5551 Datasheet PDF - Diodes Incorporated
Part # DZT5551
Download  DZT5551 Download
File Size   177.77 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SURFACE MOUNT TRANSISTOR

DZT5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
DZT5551 Datasheet PDF - Diodes Incorporated

Part # DZT5551
Download  DZT5551 Click to download

File Size   177.77 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SURFACE MOUNT TRANSISTOR

DZT5551 Datasheet (HTML) - Diodes Incorporated


DZT5551 Product details

Features
• BVCEO > 160V
• BVEBO > 6V
• IC = 600mA Continuous Collector Current
• Low Saturation Voltage (150mV max @10mA)
• hFE specified up to 50mA for a high gain hold up
• Complementary PNP Type: DZT5401
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• High Voltage Amplification Applications
• High Voltage Switching




Similar Part No. - DZT5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 1
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 3
More results


Similar Description - DZT5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30707 Rev. 6 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30796 Rev. 6 - 2
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30946 Rev. 3 - 2
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31148 Rev. 3 - 2
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
NPN SURFACE MOUNT TRANSISTOR
DS31157 Rev. 3 - 2
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31158 Rev. 4 - 2
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31229 Rev. 2 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 5
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com