Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZT5551Q Datasheet (PDF) - Diodes Incorporated

DZT5551Q Datasheet PDF - Diodes Incorporated
Part # DZT5551Q
Download  DZT5551Q Download
File Size   492.12 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 160V NPN VOLTAGE TRANSISTOR IN SOT223

DZT5551Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DZT5551Q Datasheet PDF - Diodes Incorporated

Part # DZT5551Q
Download  DZT5551Q Click to download

File Size   492.12 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 160V NPN VOLTAGE TRANSISTOR IN SOT223

DZT5551Q Datasheet (HTML) - Diodes Incorporated


DZT5551Q Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > 160V
• BVEBO > 6V
• IC = 600mA Continuous Collector Current
• Low Saturation Voltage (150mV max @10mA)
• hFE specified up to 50mA for a high gain hold up
• Complementary PNP Type: DZT5401
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• High Voltage Amplification Applications
• High Voltage Switching




Similar Part No. - DZT5551Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT5551 DIODES-DZT5551 Datasheet
177Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31219 Rev. 2 - 2
DZT5551-13 DIODES-DZT5551-13 Datasheet
177Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31219 Rev. 2 - 2
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 3
More results


Similar Description - DZT5551Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
logo
Diodes Incorporated
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR
DS32066 Rev. 3 - 2
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
160V, SOT223, NPN high voltage transistor
AUGUST 2007
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
160V NPN TRANSISTOR IN SOT89
Rev 3
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 3
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com